Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33902 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33902
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 27 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT PIN (VSUP)
Nominal voltage range
VSUPN
5.5
-
27
V
Extended voltage range, fully functional, parametric value(s) not
guaranteed
VSUPEX
4.5
-
5.5
V
Supply current in Sleep mode, VSUP ≤ 13.5 V, VIO = 0 V
ISUPSLEEP
-
10
µA
Supply current in Standby mode (VSUP ≤13.5 V, 5 V enabled at VDD
terminal, default operation)
ISUPSTB
-
14
30
µA
Supply current in Normal mode, TXD high
ISUPNORMAL
1.0
4.0
6.0
mA
Supply current in Listen Only mode, TXD high
ISUPLISTEN
1.0
4.0
6.0
mA
BATFAIL Flag internal threshold
VBFTHS
1.5
3.3
5.5
V
BATFAIL Flag hysteresis
VBFHYS
-
0.5
-
V
VSUP under-voltage threshold (In Normal and Listen only)
VSUV
-
5.8
-
V
VSUP under-voltage threshold hysteresis (In Normal and Listen only)
VSUVHYS
-
0.2
-
V
OUTPUT PIN (VDD)
Output Voltage
VDDOUT
4.5
5.0
5.5
V
Drop voltage at IOUT = 100 mA
VDROP
-
-
500
mV
VDD low detection threshold
VDDTH
4.0
4.25
4.5
V
Output Current Capability, for information only. Current for CAN
tranceiver supply only.
IOUT
150
-
-
mA
Current Source Capability, in standby and Go To Sleep mode.
IOUTLP
5.0
-
100
µA
Thermal prewarning junction temperature (Available via P_SPI. ERR low
if ERR-EXT flag is set)
TPR
130
150
170
°C
Thermal shutdown (junction)
TSD
155
170
190
°C
Temperature threshold difference
TDIFF
20
-
-
°C
External Capacitor
CEXT
1.0
-
100
µF
INPUT SUPPLY PIN (VIO)
Voltage range
VIO
2.75
−
5.5
V
Input Current in Normal and Listen Only modes, RXD and ERR PIN
current =0, TXD = high
IVIOLIST
5.0
30
200
µA
Input Current in Normal mode, TXD = 0 V (Normal and Listen Only)
IVIONORM
50
350
1000
µA
Input Current in Standby or Sleep mode, VIO < 5.0 V
IVIOSLP-STBY
−
2.0
5.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com