Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
STATE DIAGRAMS
Figure 8. State Diagram
Notes
1.
Coming from Standby mode
2.
If VI/O is still switched on
3.
Coming from Normal mode
4.
If batfail flag and wake-up flag are cleared. An attempt to enter Sleep mode without batfail and wake-up flag cleared has no effect
5.
Limited current capability, to maintain the capacitor at VDD charged.
6.
A high level on INH will report a wake-up in Sleep mode
7.
After 4 TXD pulses rising edge
Normal mode (STBY 1, EN 1)
VDD ON, INH ON
Listen Only (STBY 1, EN 0)
Standby (STBY 0, EN 0)
(From any state if
VI/O low, after
TVIO-SLP, if
VSUP > VSUV
Driver ON; Receiver ON, SPLIT 2.5 V
VDD ON, INH ON
Driver OFF; Receiver ON, SPLIT 2.5 V
Go to sleep (STBY 0, EN 1)
VDD ON, INH ON
Terminated to ground, SPLIT HZ
ERR report: Wake-up
Sleep (STBY 0, EN 0)
Terminated to ground, SPLIT HZ
ERR report: Wake-up (2)
Terminated to ground, SPLIT HZ
ERR report: Wake-up
Mode (STBY, EN)
Legend:
(CAN, SPLIT)
(ERR)
t>tH
(VDD ON, INH)
if VIO ON (2)
Power
Down
Power up
Local or CAN
wake-up
if VIO ON (2)
STBY 1
STBY 1
STBY 1
STBY 0
STBY 0
EN 1
EN 1
EN 1
EN 0
STBY 1
EN 1
STBY 0
EN 0
EN 0
STBYB 0
EN 1
STBYB 1
EN 1
STBY 1
EN 0
STBY 0
EN 0
STBY 1
EN 0
and with
VIO > VIO low threshold
STBY 1
EN 1
and
VIO > VIO low threshold
Automatic transition
Controlled transition
VDD OFF, INH HZ (6)
VDD ON
(5), INH ON
ERR report: BATfail) (1)
(VDD low, local failure)
(3)
ERR report: wake-up source &
(VDD low and CAN bus failure) (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com