Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33902 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Document Number: MC33902
Rev. 3.0, 8/2009
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
High Speed CAN Interface with
Embedded 5.0 V Supply
The MC33902 is a high speed CAN physical interface. The device
includes an internal 5.0 V supply for the CAN bus transceiver, and
requires only a connection to a battery line.
The MC33902 provides 4 operation modes, including low power
modes with remote and local wake-up.
The device has very low sleep and standby current consumption.
Features
• High speed CAN interface for baud rates of 40 kb/s to 1.0 Mb/s
• Compatible to ISO11898 standard
• Single supply from battery. No need for a 5.0 V supply for CAN
interface
• I/O compatible from 2.75 V to 5.5 V via a dedicated input terminal
(3.3 V or 5.0 V logic compatible)
• Low Power mode with remote CAN wake-up and local wake-up
recognition and reporting
• CAN bus failure diagnostics and TXD/RXD pin monitoring, cold
start detection, wake-up sources reported through the ERR pin
• Enhanced diagnostics for bus, TXD, RXD and supply pins
available through Pseudo SPI via existing terminals EN, STBY
and ERR.
• Split terminal for bus recessive level stabilization
• INH output to control external voltage regulator
• Pb-free packaging designated by suffix code EF
Figure 1. MC33902 Simplified Application Diagram
HIGH SPEED CAN PHYSICAL INTERFACE
EF SUFFIX (PB-FREE)
98ASB42565B
14-PIN SOICN
33902
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ33902EF/R2
-40°C to 125°C
14 SOIC
SPLIT
VSUP
GND
INH
WAKE
MCU
Voltage
I/O
Tx
Rx
VDD
CAN bus
CANL
CANH
RXD
STBY
EN
ERR
TXD
CAN
Controller
VDD
33902
VBAT
Bus Driver
Bus
5V Reg
INH
VIO
30
30
Diag.
& Receiver
Regulator


Similar Part No. - 33902

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3390 ALLEGRO-3390 Datasheet
261Kb / 3P
OPTOELECTRONIC SWITCH - TWILIGHT SENSOR
logo
ASM GmbH
3390 ASM-SENSOR-3390 Datasheet
3Mb / 16P
POWER ANALYZER
logo
List of Unclassifed Man...
3390 ETC-3390 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3390 HEYCO-3390 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Comus International
3390 COMUS-3390 Datasheet
421Kb / 2P
High Voltage Reed Relays
More results

Similar Description - 33902

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
Freescale Semiconductor...
MC33903 FREESCALE-MC33903 Datasheet
2Mb / 98P
SBC Gen2 with CAN High Speed and LIN Interface
logo
ams AG
AS8650 AMSCO-AS8650 Datasheet
1Mb / 46P
High-efficient Power Management Device with High-speed CAN Interface
logo
Freescale Semiconductor...
33903 FREESCALE-33903 Datasheet
2Mb / 104P
SBC Gen2 with CAN High Speed and LIN Interface
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
SBC Gen2 with CAN High Speed and LIN Interface
logo
ams AG
AS8650B AMSCO-AS8650B Datasheet
589Kb / 47P
High-efficient Power Management Device with High-speed CAN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com