Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33902
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
CAN LOW (CANL)
This is the CAN Low input/output pin. CANL circuitry is
design to work as a low side switch connected to GND. In the
recessive state, this switch is turned off and CANL is then
biased to SPLIT voltage or Gnd, depending on device’s
operating state. In the dominant state, the switch is turned on
and CANL is biased to GND voltage. The CANL pin is
protected and diagnostics reporting is available against short
to Battery, Gnd, and 5.0 V (VDD).
STANDBY (STBY)
This is the standby input pin for device static mode control.
This pin is connected to the MCU to place transceiver in the
desired mode. Functional voltage thresholds are determined
by VIO voltage to accommodate the implementation of 3.3 V
or 5.0 V MCUs. CLK (Clock) during Pseudo SPI
communication.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com