Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33902 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33902
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33902 Pin Connections
Table 1. 33902 Pin Definitions
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
TXD
Input
Transmit data
CAN bus transmit data input pin
2
GND
Output
Ground
Ground termination
3
VDD
Output
Voltage Digital Drain
CAN dedicated internal voltage regulator, (decoupling capacitor required
for voltage stabilization)
4
RXD
Output
Receive data
CAN bus receive data output pin, wake-up flag in Low Power mode
5
VIO
Input
Voltage supply for I/O
Input supply for the digital input output pins
6
EN
Input
Enable
Enable input for device static mode control.
MOSI (Master Out, Slave In) during P_SPI operation.
7
INH
Output
Inhibit
Inhibit output for control of an external power supply regulator
8
ERR
Output
Active low Error
Pin for static error and wake-up flag reporting
MISO (Master In, Slave Out) during P_SPI operation.
9
WAKE
Input
Wake
Wake input
10
VSUP
Input
Voltage supply
Battery supply pin
11
SPLIT
Output
Split
Output for connection of the CAN bus termination middle point
12
CANL
Input/output
CAN LOW
CAN low pin
13
CANH
Input/output
CAN HIGH
CAN high pin
14
STBY
Input
Standby
Standby input for device static mode control.
CLK (Clock) during P_SPI operation.
PIN CONFIGURATION
4
5
6
7
2
3
14
11
10
9
8
13
12
1
STBY
VSUP
WAKE
ERR
CANH
CANL
SPLIT
TXD
VIO
EN
INH
GND
VDD
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com