Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33902
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 27 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
TIMING (REF TO FIG 7)
TXD Dominant State Timeout
tDOUT
300
600
900
µs
Bus dominant clamping detection
tDOM
300
700
1000
µs
Propagation loop delay TXD to RXD, recessive to dominant
tLRD
60
140
210
ns
Propagation delay TXD to CAN, recessive to dominant
tTRD
-
70
110
ns
Propagation delay CAN to RXD, recessive to dominant
tRRD
-
45
140
ns
Propagation loop delay TXD to RXD, dominant to recessive
tLDR
50
120
200
ns
Propagation delay TXD to CAN, dominant to recessive
tTDR
-
75
150
ns
Propagation delay CAN to RXD, dominant to recessive
tRDR
-
50
140
ns
Loop time TXD to RXD, Slew rate 1 (Selected by P_SPI)
Rec to Dom
Dom to Rec
tLOOPSL1
50
-
310
ns
Loop time TXD to RXD, Slew rate 2 (Selected by P_SPI)
Rec to Dom
Dom to Rec
tLOOPSL2
50
-
310
ns
STATE MACHINE TIMING
External Wake-up Filter Time
tWAKE
-
10
-
µs
3-Pulse pattern wake-up - Pulse width
VDIFF = 1.15 V, Ta =-40°C
VDIFF = 2.0 V, Ta =-40°C
VDIFF = 1.15 V, 25°C ≤ Ta ≤ 125°C.
tPWIDTH
2.5
2.0
2.0
-
-
-
-
-
-
µs
Time to report local wake-up event
tLOC WAKE-
REP
-
35
-
µs
Time to report CAN wake-up event
tCAN WAKE-
REP
-
25
-
µs
Device state transition time (P_SPI versus static mode change distinction)
except from Standby and Go To Sleep modes
tDEV-TR
8.0
-
15
µs
Transition time from Standby mode to any mode
tLP-NP
-
35
-
µs
Transition time from go to sleep to Sleep mode («Go To Sleep» command)
tH
-
35
-
µs
VIO low to Sleep mode timing
tVIO- SLP
-
10
-
ms
VDD low to CAN driver disable timing
tVDD-CANOFF
-
10
-
ms
VDD low to regulator disable timing
tVDDOFF
-
50
-
ms
PSEUDO SPI (P_SPI)TIMING
P_SPI Operation frequency
FREQ
0.0625
-
4.0
MHz
SCLK Clock High Time
tWSCLKH
0.125
-
8.0
µs
SCLK Clock Low Time
tWSCLKL
0.125
-
8.0
µs
EN to Falling Edge of STBY
tSISU
40
-
-
ns
Falling Edge of STBY to EN
tSIH
40
-
-
ns
ERR rise Time
CL = 15 pF
tRSO
-
25
50
ns
ERR fall Time
CL = 15 pF
tFSO
-
25
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com