Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Important Information for Bus Driver Reactivation RXD
The driver stays disabled until the failure is cleared (RX is
no longer permanent recessive). One transition on the CAN
bus (internal differential receiver transition), and the bus
driver is activated by entering into Normal mode.
TXD PERMANENT DOMINANT
Principle
If the TXD is set to a permanent low level, the CAN bus is
set into dominant level, and no communication is possible.
The 33902 has a TXD permanent time out detector. After the
timeout, the bus driver is disabled and the bus is released into
a recessive state. The TXD permanent flag is set.
Recovery
The TXD permanent dominant is used and activated in
case of a TXD short to RXD. The recovery condition for a
TXD permanent dominant (recovery means the re-activation
of the CAN drivers) is done by entering into a Normal mode
controlled by the MCU, or when TXD is recessive, while RXD
changes from recessive to dominant.
TXD TO RXD SHORT CIRCUIT:
Principle
If TXD is shorted to RXD during incoming dominant
information, RXD is set low. Consequently, the TXD pin is low
and drives CANH and CANL into a dominant state. Thus the
bus is stuck in dominant state. No further communication is
possible.
Detection and Recovery
The TXD permanent dominant time out will be activated
and release the CANL and CANH drivers. However, at the
next incoming dominant bit, the bus will then be stuck in
dominant again. The recovery condition is same as the TXD
dominant failure.
EXTENDED DEVICE OPERATION
The device has extended functionality which allows device
control and diagnostic readings via the P_SPI (Pseudo Serial
Peripheral Interface), and using the STBY, EN and ERR pins.
P_SPI Operation
The P_SPI operation is similar to a standard SPI interface
operation in slave mode. It uses the EN, STBY and ERR pins,
which have the functions of MOSI, SCLK and MISO. There is
no chip select (CS).
In write mode, the following functions and control are
accessible:
- CAN driver slew rate selection
- ERR pin operation mode
- CAN wake-up mode
- CRANK mode operation
In read mode, the following flags are available:
- CAN bus detail diagnostic
- Local failure diagnostic
- Voltage monitoring
- Wake-up flags, wake pin level
- P_SPI errors
- Device identification
P_SPI Diagram
Figure 17 illustrates the P_SPI operation. A clock signal
should be generated on the STBY pin, EN input operates as
Data In (MOSI) and the ERR output pin operates as Data Out
(MISO).
In order to start a P_SPI operation, the level at STBY
should be low (1), as shown in Figure 17. Bit D7 starts at the
rising edge of STBY. Bit D7 level should be opposite to the
level before. D7 is then internally sampled at the STBY falling
edge.
The sampling of opposite level at (1) and (3) is the
confirmation of a P_SPI message start.
Then the P_SPI bit D6 starts, and the device will drive the
ERR pin to a level opposite to the one when P_SPI started
(5): this is the confirmation that the device has correctly
detected a P_SPI message start (acknowledgement).
Figure 17. : P_SPI Message Start
Full P_SPI Message:
Figure 4 describes the complete P_SPI message and
timing.
(1)
(2)
(3)
STBY
EN
EN
D7
EN
EN
Device in Normal mode
(4)
D6
ERR
ERR
ERR
ERR pin high at
ERR pin low at
ERR
Adr
EN=1
EN=0
P_SPI start
P_SPI start
Device in Listen Only
Adr
(5)
P_SPI msg start
P_SPI msg detected (=acknowledge)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com