Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
33902
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
LxWU
Description
Wake-up event occurred on the WAKE pin
Set
In low power mode, by a local wake pin transition
Reset
Exit Normal mode or P_SPI reading (Listen Only and Normal mode)
Action
Avoid entering Go To Sleep mode. Set
ERR low in low power modes
CANWU
Description
Wake-up event occurred on CAN bus
Set
In low power mode, by CAN wake-up
Reset
Exit Normal mode or P_SPI reading (Listen Only and Normal mode)
Action
Avoid entering Go To Sleep mode. Set
ERR and RXD low in low power modes
VMONF
Description
Voltage monitoring flag: OR of VSOV, VSUV, VIO, VDDLOW, VDD prewarning Temp
Set
In normal and listen only modes: OR of VSOV, VSUV, VIO, VDDLOW, VDD prewarning Temp
Reset
Entering low power mode or (Failure removed + P_SPI reading (Listen Only and Normal mode))
Action
If
ERR_EXT is set, ERR pin set low. ERR is low for the VDD low flag, despite the ERR-EXT bit.
CANF
Description
Failure on the CAN bus. OR of CANF2, CANF1, CANF0 bits
Set
In Normal and Listen Only modes: OR of TXDPD, RXDPR, CANcur, CAN bus failures
Reset
Entering low power mode or (Failure removed + P_SPI reading (Listen Only and Normal mode))
Action
Depending upon failure. ref to detail flag description
WILS
Description
Real time WAKE input level. Low is WAKE below threshold, high is WAKE above threshold.
Set
WAKE pin higher than threshold
Reset
WAKE pin lower than threshold
Action
No action
SPIerr
Description
Pseudo SPI error: Incomplete transmission error during start of P_SPI
Set
When P_SPI frame does not have 8 clock pulses
Reset
Entering low power mode or P_SPI reading (Listen Only and Normal mode)
Action
P_SPI wrong command is ignored
ERR_EXT
Description
ERR pin operation report all flags
Configure
By P_SPI
Reset
Entering low power mode
Action
When high, extend the
ERR output pin to report all flags (when available) in any modes. When low
(default)
ERR reports default flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com