Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33902
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOGIC INPUT/OUTPUT PINS (CANH, CANL) (CONTINUED)
CANH output current capability - Dominant state
ICANH
-
-
-25
mA
CANL output current capability - Dominant state
ICANL
25
-
-
mA
CANL over-current detection - Error reported in register
ICANL-OC
75
120
195
mA
CANH over-current detection - Error reported in register
ICANH-OC
-195
-120
-75
mA
CANH, CANL input resistance device supplied and in Sleep mode,
VCANH, VCANL from 0 V to 5.0 V
RINSLEEP
5.0
-
50
k
Ω
CANL, CANH output voltage in Sleep and Standby modes
(45
Ω < RBUS < 65 Ω)
VCANLP
-0.1
0.0
0.1
V
CANH, CANL input current, device un supplied, VSUP and VIO connected
to GND (ref. fig.)
VCANH, VCANL = 5.0 V
VCANH, VCANL = -2.0 to + 7.0 V
ICAN
-
-
-
-
250
400
µA
CANH AND CANL DIAGNOSTIC INFORMATION
CANL to GND detection threshold
VLG
-
1.75
-
V
CANH to GND detection threshold
VHG
-
1.75
-
V
CANL to VBAT detection threshold, valid if VSUP > 7.0 V
VLVB
-
VSUP-2.0
-
V
CANH to VBAT detection threshold, valid if VSUP > 7.0 V
VHVB
-
VSUP-2.0
-
V
CANL to VDD detection threshold
VL5
-
VDD-0.43
-
V
CANH to VDD detection threshold
VH5
-
VDD-0.43
-
V
SPLIT
Output voltage
Loaded condition Isplit =+- 500 µA
Unloaded condition Rmeasure > 1.0 M
Ω
VSPLIT
0.3 VDD
0.45 VDD
0.5 VDD
0.5 VDD
0.7 VDD
0.55 VDD
V
Leakage current
-12 V < VSPLIT< +12 V
-22 V < VSPLIT< +35 V
ILSPLIT
-
-
0.0
-
5.0
70
µA
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 27 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com