Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33902 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33902
Description  High Speed CAN Interface with Embedded 5.0 V Supply
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33902 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33902 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33902 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33902
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOGIC INPUT PINS (EN, STBY, TXD)
High Level Input Voltage
VIH
0.7 VIO
-
-
V
Low Level Input Voltage
VIL
-
-
0.3 VIO
V
Pull-down Current, EN, STBY, VIN = VIO
IPD EN-STBY
1.0
4.0
10
µA
Pull-up Current, TXD, VIN = 0 V
IPD TXD
-
-250
-
µA
DATA OUTPUT PINS (RXD) AND (ERR)
Low Level Output Voltage
I = 5.0 mA
VOUTLOW
0.0
-
0.3 VIO
V
High Level Output Voltage
I = -3.0 mA
VOUTHIGH
0.7 VIO
-
VIO
V
High Level Output Current
V = VIO - 0.4 V
IOUTHIGH
-12
-5.0
-2.0
mA
Low Level Output Current
V = 0.4 V
IOUTLOW
2.0
5.0
12
mA
OUTPUT PIN (INH)
Output Drop Voltage (IINH), IOUT = 100 uA)
INHDROP
0.05
0.2
0.8
V
leakage Current (Sleep mode)
INHLEAK
-
-
5.0
µA
INPUT PIN (WAKE)
Low level threshold voltage
WAKELTH
2.0
2.5
3.0
V
High level threshold voltage
WAKEHTH
2.0
2.7
3.5
V
Input Current
VWAKE = -0.2 to 18 V
IWAKEIN
-10
0
10
µA
LOGIC INPUT/OUTPUT PINS (CANH, CANL)
Bus pins common mode voltage for full functionality
VCOM
-12
-
12
V
Differential input voltage, recessive state at RXD
VCANH-VCANL-R
-
-
500
mV
Differential input voltage, dominant state at RXD
VCANH-VCANL-D
900
-
mV
Differential input hysteresis (RXD)
VDIFF-HYST
-
100
-
mV
Input resistance
RIN
5.0
-
50
k
Ω
Differential input resistance
RIND
10
-
100
k
Ω
Common mode input resistance matching
RINM
-3.0
0.0
3.0
%
CANH output voltage(45
Ω < RBUS < 65 Ω)
TX dominant state
TX recessive state
VCANH
2.75
2.0
3.5
2.5
4.5
3.0
V
CANL output voltage(45
Ω < RBUS < 65 Ω)
TX dominant state
TX recessive state
VCANL
0.5
2.0
1.5
2.5
2.25
3.0
V
Differential output voltage(45
Ω < RBUS < 65 Ω)
TX dominant state
TX recessive state
VOH-VOL
1.5
-500
2.0
0.0
3.0
50
V
mV
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 5.5 V
≤ VSUP ≤ 27 V, -40°C ≤ TA ≤ 125°C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com