Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet (PDF) - ams AG

AS5046 Datasheet PDF - ams AG
Part # AS5046
Download  AS5046 Download
File Size   77.24 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES

AS5046 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5046 Datasheet PDF - ams AG

Part # AS5046
Download  AS5046 Click to download

File Size   77.24 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES

AS5046 Datasheet (HTML) - ams AG


AS5046 Product details

General Description
The AS5046 is a contactless magnetic angle encoder for accurate measurement up to 360°.
It is a system-on-chip, combining integrated Hall elements, analog front end and digital signal processing in a single device.
The AS5046 provides a digital serial 12-bit as well as a programmable 10-bit ratiometric analog output that is directly proportional to the angle of a magnet, rotating over the chip.
In addition, the serial interface enables a user configurable arrangement of the Hall array and allows access to each individual Sensor of the Hall Array.

Key Features
• 360° contactless high resolution angular position encoding
• User programmable zero position
• 12-bit 2-wire serial interface
• Versatile analog output
    programmable angular range up to 360°
    programmable ratiometric output voltage range
• High resolution magnet distance indication
    256 steps within recommended range (~0.5 to 1.8mm)
    256 steps over extended range (~0 to 5mm)
• Mode input for optimizing noise vs. speed
• Alignment mode for magnet placement guidance
• Wide temperature range: - 40°C to + 125°C
• Small package: SSOP 16 (5.3mm x 6.2mm)

Benefits
• Complete system-on-chip
• High reliability due to non-contact sensing
• Bi-directional 2-wire interface
• Programmable ratiometric analog output
• Ideal for application s in harsh environments
• Robust system, tolerant to magnet misalignment, airgap variations, temperature variations and external magnetic fields
• No calibration required

Applications
The AS5046 is ideal for applications that require high resolution, a minimum of wires between controller and sensor and where the vertical distance of the magnet is of importance:
    • Remote sensors
    • Rotate-and-push manual input devices
    • Joysticks
    • Applications with extended safety requirements regarding magnet distance




Similar Part No. - AS5046

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5046 AMSCO-AS5046 Datasheet
880Kb / 33P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046ASST AMSCO-AS5046ASST Datasheet
880Kb / 33P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046ASSU AMSCO-AS5046ASSU Datasheet
880Kb / 33P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
More results


Similar Description - AS5046

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5045 AMSCO-AS5045 Datasheet
506Kb / 24P
12 BIT PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5040 AMSCO-AS5040 Datasheet
653Kb / 28P
10 BIT 360째 PROGRAMMABLE MAGNETIC ROTARY ENCODER
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5046 AMSCO-AS5046_1 Datasheet
880Kb / 33P
PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
AS5245 AMSCO-AS5245 Datasheet
904Kb / 33P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5245 AMSCO-AS5245_1 Datasheet
877Kb / 31P
Programmable 360쨘 Magnetic Angle Encoder with Absolute SSI and PWM Output
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5145H AMSCO-AS5145H Datasheet
425Kb / 36P
12-Bit Programmable Magnetic Rotary Encoder
AS5245 AMSCO-AS5245_04 Datasheet
1Mb / 32P
Programmable 360 Magnetic Angle Encoder with Absolute SSI and PWM Output
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com