Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5046 Datasheet(PDF) 2 Page - ams AG

Part # AS5046
Description  PROGRAMMABLE 12-bit 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE 2-WIRE SERIAL AND ANALOG INTERFACES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5046 Datasheet(HTML) 2 Page - ams AG

  AS5046 Datasheet HTML 1Page - ams AG AS5046 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AS5046 Programmable 360° Magnetic Angle Encoder
Revision 1.0
www.austriamicrosystems.com
Page 2 of 2
Contact
Headquarters
austriamicrosystems AG
A 8141 Schloss Premstätten, Austria
Phone: +43 3136 500 0
Fax:
+43 3136 525 01
www.austriamicrosystems.com
Copyright
Devices sold by austriamicrosystems are covered by the warranty and patent indemnification provisions appearing in its Term of
Sale. austriamicrosystems makes no warranty, express, statutory, implied, or by description regarding the information set forth
herein or regarding the freedom of the described devices from patent infringement. austriamicrosystems reserves the right to
change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is
necessary to check with austriamicrosystems for current information. This product is intended for use in normal commercial
applications.
Copyright © 2007 austriamicrosystems. Trademarks registered ®. All rights reserved. The material herein may not be
reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. To the best of
its knowledge, austriamicrosystems asserts that the information contained in this publication is accurate and correct. However,
austriamicrosystems shall not be liable to recipient or any third party for any damages, including but not limited to personal
injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential
damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No
obligation or liability to recipient or any third party shall arise or flow out of austriamicrosystems rendering of technical or other
services.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com