Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC283 Datasheet (PDF) - Texas Instruments

CD54HC283 Datasheet PDF - Texas Instruments
Part # CD54HC283
Download  CD54HC283 Download
File Size   890.34 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry

CD54HC283 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54HC283 Datasheet PDF - Texas Instruments

Part # CD54HC283
Download  CD54HC283 Click to download

File Size   890.34 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry

CD54HC283 Datasheet (HTML) - Texas Instruments


CD54HC283 Product details

1 Features
• Adds two binary numbers
• Full internal lookahead
• Fast ripple carry for economical expansion
• Operates with both positive and negative logic
• Fanout (over temperature range)
– Standard outputs 10 LSTTL loads
– Bus driver outputs 15 LSTTL loads
• Wide operating temperature range: –55℃ to 125℃
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
Logic ICs
• HC types
– 2 V to 6 V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5 V
• HCT types
– 4.5 V to 5.5 V operation
– Direct LSTTL input logic compatibility,
VIL = 0.8 V (max), VIH = 2 V (min)
– CMOS input compatibility, II ≤ 1 μA at VOL, VOH

2 Description
The CDx4HC283 and CDx4HCT283 contain 4-bit
binary adders. The HCT device has TTL-voltage
compatible inputs.




Similar Part No. - CD54HC283

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC283 TI-CD54HC283 Datasheet
265Kb / 11P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283 Datasheet
410Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283 Datasheet
550Kb / 14P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI1-CD54HC283 Datasheet
457Kb / 15P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI2-CD54HC283 Datasheet
889Kb / 20P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
REVISED JULY 2022
More results


Similar Description - CD54HC283

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
Texas Instruments
CD74HC283 TI-CD74HC283 Datasheet
41Kb / 6P
High Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Texas Instruments
CD54HC283 TI-CD54HC283 Datasheet
265Kb / 11P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Texas Instruments
CD54HC283 TI-CD54HC283_07 Datasheet
410Kb / 13P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
CD54HC283 TI-CD54HC283_08 Datasheet
550Kb / 14P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
logo
Texas Instruments
CD54HC283 TI1-CD54HC283_14 Datasheet
457Kb / 15P
High-Speed CMOS Logic 4-Bit Binary Full Adder with Fast Carry
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com