Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP111 Datasheet (PDF) - Texas Instruments

CDCLVP111 Datasheet PDF - Texas Instruments
Part # CDCLVP111
Download  CDCLVP111 Download
File Size   1886.97 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVP111 Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver

CDCLVP111 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVP111 Datasheet PDF - Texas Instruments

Part # CDCLVP111
Download  CDCLVP111 Click to download

File Size   1886.97 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVP111 Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver

CDCLVP111 Datasheet (HTML) - Texas Instruments


CDCLVP111 Product details

1 Features
1• Distributes One Differential Clock Input Pair
LVPECL to 10 Differential LVPECL
• Fully Compatible With LVECL and LVPECL
• Supports a Wide Supply Voltage Range from
2.375 V to 3.8 V
• Selectable Clock Input Through CLK_SEL
• Low-Output Skew (Typical 15 ps) for Clock-
Distribution Applications
– Additive Jitter Less Than 1 ps
– Propagation Delay Less Than 350 ps
– Open Input Default State single–
LVDS, CML, SSTL Input Compatible
• VBB Reference Voltage Output for Single-Ended
Clocking
• Available in a 32-Pin LQFP and QFN Package
• Frequency Range From DC to 3.5 GHz
• Pin-to-Pin Compatible With MC100 Series EP111,
ES6111, LVEP111, PTN1111

2 Applications
• Designed for Driving 50-Ω Transmission Lines
• High Performance Clock Distribution

3 Description
The CDCLVP111 clock driver distributes one
differential clock pair of LVPECL input, (CLK0, CLK1)
to ten pairs of differential LVPECL clock (Q0, Q9)
outputs with minimum skew for clock distribution. The
CDCLVP111 can accept two clock sources into an
input multiplexer. The CDCLVP111 is specifically
designed for driving 50-Ω transmission lines. When
an output pin is not used, leaving it open is
recommended to reduce power consumption. If only
one of the output pins from a differential pair is used,
the other output pin must be identically terminated to
50 Ω.
The VBB reference voltage output is used if single–
ended input operation is required. In this case, the VBB pin should be connected to CLK0 and bypassed
to GND through a 10-nF capacitor.
However, for high-speed performance up to 3.5 GHz, the differential mode is strongly recommended.
The CDCLVP111 device is characterized for operation from –40°C to 85°C.




Similar Part No. - CDCLVP111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111 TI1-CDCLVP111 Datasheet
570Kb / 23P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
570Kb / 23P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results


Similar Description - CDCLVP111

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
logo
Texas Instruments
CDCLVP110 TI-CDCLVP110 Datasheet
136Kb / 11P
LOW-VOLTAGE 1:10 LVPECL/HSTL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111 TI-CDCLVP111 Datasheet
619Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
logo
Cypress Semiconductor
CY2CP1504 CYPRESS-CY2CP1504 Datasheet
298Kb / 13P
1:4 LVCMOS to LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1504 CYPRESS-CY2DP1504 Datasheet
301Kb / 14P
1:4 LVPECL Fanout Buffer with Selectable Clock Input
CY2DP1510 CYPRESS-CY2DP1510 Datasheet
303Kb / 13P
1:10 LVPECL Fanout Buffer with Selectable Clock Input
logo
Texas Instruments
CDCLVP111 TI1-CDCLVP111 Datasheet
1Mb / 29P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
CDCLVP110 TI1-CDCLVP110_14 Datasheet
675Kb / 14P
Low-Voltage 1:10 LVPECL/HSTL With Selectable Input Clock Driver
CDCLVP111-EP TI1-CDCLVP111-EP Datasheet
743Kb / 15P
LOW-VOLTAGE 1:10 LVPECL WITH SELECTABLE INPUT CLOCK DRIVER
CDCLVP111-SP TI1-CDCLVP111-SP Datasheet
570Kb / 23P
Low-Voltage 1:10 LVPECL With Selectable Input Clock Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com