Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF310 Datasheet (PDF) - Texas Instruments

CDCVF310 Datasheet PDF - Texas Instruments
Part # CDCVF310
Download  CDCVF310 Download
File Size   385.78 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER

CDCVF310 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCVF310 Datasheet PDF - Texas Instruments

Part # CDCVF310
Download  CDCVF310 Click to download

File Size   385.78 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER

CDCVF310 Datasheet (HTML) - Texas Instruments


CDCVF310 Product details

1FEATURES
· High-Performance 1:10 Clock Driver
· Pin-to-Pin Skew < 100 ps at VDD 3.3 V
· VDD Range = 2.3 V to 3.6 V
· Input Clock Up To 200 MHz (See Figure 7)
· Operating Temperature Range –40°C to 85°C
· Output Enable Glitch Suppression
· Distributes One Clock Input to Two Banks of
Five Outputs
· Packaged in 24-Pin TSSOP
· Pin-to-Pin Compatible to the CDCVF2310,
Except the R = 22-Ω Series Damping
Resistors at Yn

APPLICATIONS
· General-Purpose Applications

DESCRIPTION
The CDCVF310 is a high-performance, low-skew clock buffer that operates up to 200 MHz. Two banks of five
outputs each provide low-skew copies of CLK. After power up, the default state of the outputs is low regardless
of the state of the control pins. For normal operation, the outputs of bank 1Y[0:4] or 2Y[0:4] can be placed in a
low state when the control pins (1G or 2G, respectively) are held low and a negative clock edge is detected on
the CLK input. The outputs of bank 1Y[0:4] or 2Y[0:4] can be switched into the buffer mode when the control pins
(1G and 2G) are held high and a negative clock edge is detected on the CLK input. The device operates in a
2.5-V and 3.3-V environment. The built-in output enable glitch suppression ensures a synchronized output enable
sequence to distribute full period clock signals.
The CDCVF310 is characterized for operation from –40C to 85C.




Similar Part No. - CDCVF310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI1-CDCVF310 Datasheet
767Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310PW TI-CDCVF310PW Datasheet
148Kb / 12P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310PW TI1-CDCVF310PW Datasheet
767Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310PWG4 TI1-CDCVF310PWG4 Datasheet
767Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results


Similar Description - CDCVF310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCLVC11XX TI-CDCLVC11XX Datasheet
223Kb / 9P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI-CDCLVC11XX_1 Datasheet
419Kb / 14P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCLVC11XX TI1-CDCLVC11XX_12 Datasheet
948Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCLVC11XX TI1-CDCLVC11XX_14 Datasheet
906Kb / 23P
3.3 V and 2.5 V LVCMOS High-Performance Clock Buffer Family
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310-EP TI1-CDCVF2310-EP Datasheet
740Kb / 16P
2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com