Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCVF310 Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCVF310
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCVF310 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCVF310 Datasheet HTML 2Page - Texas Instruments CDCVF310 Datasheet HTML 3Page - Texas Instruments CDCVF310 Datasheet HTML 4Page - Texas Instruments CDCVF310 Datasheet HTML 5Page - Texas Instruments CDCVF310 Datasheet HTML 6Page - Texas Instruments CDCVF310 Datasheet HTML 7Page - Texas Instruments CDCVF310 Datasheet HTML 8Page - Texas Instruments CDCVF310 Datasheet HTML 9Page - Texas Instruments CDCVF310 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
P_tot + P_stat ) P_Dyn ) P_Load[W]
P_stat + VDD
I
DD [W]
P_Dyn + C_PD
V
DD
V
DD
ƒ [W]
P_Load + C_Load
V
DD
V
DD
ƒ
n [W]
n + Number of switching output pins
VDD = 3.3 V ±0.3 V
VDD = 2.5 V ±0.2 V
CDCVF310
SCAS771B – AUGUST 2004 – REVISED JANUARY 2008
over recommended operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIK
Input voltage
VDD = 3 V,
II = –18 mA
–1.2
V
II
Input current
VI = 0 V or VDD
±5
µA
IDD
(2)
Static device current
CLK = 0 V or VDD = 3.6 V,
IO = 0 mA
80
µA
CI
Input capacitance
VDD = 2.3 V to 3.6 V,
VI = 0 V or VDD
2.5
pF
CO
Output capacitance
VDD = 2.3 V to 3.6 V,
VI = 0 V or VDD
2.6
pF
CPD
Power dissipation(3)
VDD = 2.3 V to 3.6 V,
VI= 0 V or VDD
32
pF
(1)
All typical values are with respect to nominal VDD.
(2)
For dynamic IDD over Frequency see Figure 6.
(3)
This is the formula for the power dissipation calculation.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VDD = min to max,
IOH = –100 µA
VDD - 0.2
VOH
High-level output voltage
IOH = –12 mA
2.1
V
VDD = 3 V
IOH = –6 mA
2.4
VDD = min to max,
IOL = 100 µA
0.2
VOL
Low-level output voltage
IOL = 12 mA
0.4
V
VDD = 3 V
IOL = 6 mA
0.3
VDD = 3 V,
VO = 1 V
–37
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
–57
mA
VDD = 3.6 V,
VO = 3.135 V
–38
VDD = 3 V,
VO = 1.95 V
37
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
57
mA
VDD = 3.6 V,
VO = 0.4 V
38
(1)
All typical values are with respect to nominal VDD.
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VDD = min to max,
IOH = –100 A
VDD - 0.2
VOH
High-level output voltage
V
VDD = 2.3 V
IOH = –6 mA
1.8
VDD = min to max,
IOL = 100 A
0.2
VOL
Low-level output voltage
V
VDD = 2.3 V
IOL = 6 mA
0.4
VDD = 2.3 V,
VO = 1 V
–20
IOH
High-level output current
VDD = 2.5 V,
VO = 1.25 V
–36
mA
VDD = 2.7 V,
VO = 2.375 V
–25
VDD = 2.3 V,
VO = 1.2 V
20
IOL
Low-level output current
VDD = 2.5 V,
VO = 1.25 V
36
mA
VDD = 2.7 V,
VO = 0.3 V
25
(1)
All typical values are with respect to nominal VDD.
6
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): CDCVF310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com