Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750 Datasheet (PDF) - Texas Instruments

DAC7750 Datasheet PDF - Texas Instruments
Part # DAC7750
Download  DAC7750 Download
File Size   6540.95 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications

DAC7750 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7750 Datasheet PDF - Texas Instruments

Part # DAC7750
Download  DAC7750 Click to download

File Size   6540.95 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications

DAC7750 Datasheet (HTML) - Texas Instruments


DAC7750 Product details

1 Features
• Current output: 4 mA to 20 mA;
0 mA to 20 mA; 0 mA to 24 mA
• Voltage output:
– 0 V to 5 V; 0 V to 10 V; ±5 V; ±10 V
– 0 V to 5.5 V; 0 V to 11 V; ±5.5 V; ±11 V
(10% overrange)
• ±0.1% FSR total unadjusted error (TUE) maximum
• DNL: ±1 LSB maximum
• Simultaneous voltage and current output
• Internal 5-V reference (10 ppm/°C, maximum)
• Internal 4.6-V power-supply output
• Reliability features:
– CRC check and watchdog timer
– Thermal alarm
– Open alarm, short current limit
• Wide temperature range: –40°C to 125°C
• Packages: 6-mm × 6-mm 40-pin VQFN and 24-pin
HTSSOP

2 Applications
• Analog output module
• CPU (PLC controller)
• HVAC valve and actuator control
• Flow transmitter
• Other sensor transmitter
• Actuator

3 Description
The DACx760 are precision, fully integrated, 12-
bit and 16-bit digital-to-analog converters (DACs)
designed to meet the requirements of industrial
process-control applications. These devices are
programmable as a current output with a range of
4 mA to 20 mA, 0 mA to 20 mA, or 0 mA to 24 mA;
or as a voltage output with a range of 0 V to 5 V, 0 V
to 10 V, ±5 V, or ±10 V with a 10% overrange (0 V to
5.5 V, 0 V to 11 V, ±5.5 V, or ±11 V). Both current and
voltage outputs can be simultaneously enabled while
being controlled by one data register.
These devices include a power-on-reset function for
powering up in a known state (both IOUT and VOUT
are disabled and in a Hi-Z state). The CLR and CLRSEL
pins set the voltage outputs to zero-scale or
midscale, and the current output to the low end of
the range if the output is enabled. Zero and gain
registers can be programmed to digitally calibrate the
device in the end system. The output slew rate is
also programmable by register. These devices can
superimpose an external HART® signal on the current
output, and operate with either a single 10-V to 36-V
supply, or dual supplies of up to ±18 V.




Similar Part No. - DAC7750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI2-DAC7750 Datasheet
5Mb / 56P
DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC7750IPWP TI1-DAC7750IPWP Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750IPWP TI2-DAC7750IPWP Datasheet
5Mb / 56P
DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC7750IPWP.A TI2-DAC7750IPWP.A Datasheet
5Mb / 56P
DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
More results


Similar Description - DAC7750

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
logo
Texas Instruments
DAC8760IPWPR TI-DAC8760IPWPR Datasheet
193Kb / 6P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
DAC7750 TI-DAC7750_15 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI-DAC7760_15 Datasheet
4Mb / 59P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI1-DAC7760 Datasheet
4Mb / 63P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com