Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750 Datasheet (PDF) - Texas Instruments

DAC7750 Datasheet PDF - Texas Instruments
Part # DAC7750
Download  DAC7750 Download
File Size   5130.07 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications

DAC7750 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC7750 Datasheet PDF - Texas Instruments

Part # DAC7750
Download  DAC7750 Click to download

File Size   5130.07 Kbytes
Page   56 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications

DAC7750 Datasheet (HTML) - Texas Instruments


DAC7750 Product details

1 Features
• Current output options:
– 0 mA to 24 mA
– 4 mA to 20 mA
– 0 mA to 20 mA
• ±0.1% FSR typical total unadjusted error (TUE)
• DNL: ±1 LSB maximum
• Maximum loop compliance voltage: AVDD – 2 V
• Internal 5-V reference: 10 ppm/°C (maximum)
• Internal 4.6-V power-supply output
• CRC frame error check
• Watchdog timer
• Thermal alarm
• Open-circuit alarm
• Pins to monitor output current
• On-chip fault alarm
• User-calibration for offset and gain
• Wide temperature range: –40°C to +125°C
• Packages: 6-mm × 6-mm 40-pin VQFN and 24-pin
HTSSOP

2 Applications
• Analog output module
• CPU (PLC controller)
• Flow transmitter
• Other sensor transmitter
• Actuator
• Process analytics (pH, gas, concentration, force
and humidity)

3 Description
The DAC7750 and DAC8750 (DACx750) are lowcost,
precision, fully-integrated, 12-bit and 16-bit
digital-to-analog converters (DACs) designed to
meet the requirements of industrial process-control
applications. These devices can be programmed as
a current output with ranges of 4 mA to 20 mA, 0 mA
to 20 mA, or 0 mA to 24 mA. The DACx750 include
reliability features such as CRC error checking on
the SPI frame, a watchdog timer, an open circuit,
compliance voltage, and thermal alarm. In addition,
the output current can be monitored by accessing an
internal precision resistor.
These devices include a power-on-reset function
designed to power up the device in a known state
(IOUT is disabled and in a Hi-Z state). The CLR pin
sets the current output to the low end of the range
if the output is enabled. Program the zero and gain
registers to digitally calibrate the device in the end
system. The output slew rate is also programmable by
register. These devices can superimpose an external
HART® signal on the current output, and operate with
a 10-V to 36-V supply.




Similar Part No. - DAC7750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI2-DAC7750 Datasheet
6Mb / 69P
DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
REVISED DECEMBER 2021
DAC7750IPWP TI1-DAC7750IPWP Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750IPWPR TI1-DAC7750IPWPR Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750IRHAR TI1-DAC7750IRHAR Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
More results


Similar Description - DAC7750

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
AD5735 AD-AD5735_12 Datasheet
1Mb / 48P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
REV. B
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
logo
Texas Instruments
DAC8760IPWPR TI-DAC8760IPWPR Datasheet
193Kb / 6P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
DAC7750 TI-DAC7750_15 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI-DAC7760_15 Datasheet
4Mb / 59P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7760 TI1-DAC7760 Datasheet
4Mb / 63P
Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com