Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750 Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7750
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750 Datasheet(HTML) 4 Page - Texas Instruments

  DAC7750 Datasheet HTML 1Page - Texas Instruments DAC7750 Datasheet HTML 2Page - Texas Instruments DAC7750 Datasheet HTML 3Page - Texas Instruments DAC7750 Datasheet HTML 4Page - Texas Instruments DAC7750 Datasheet HTML 5Page - Texas Instruments DAC7750 Datasheet HTML 6Page - Texas Instruments DAC7750 Datasheet HTML 7Page - Texas Instruments DAC7750 Datasheet HTML 8Page - Texas Instruments DAC7750 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
RHA
(VQFN)
PWP
(HTSSOP)
ALARM
2
3
Digital output
Alarm pin. Open drain output. External pullup resistor required (10 kΩ). The
pin goes low (active) when the ALARM condition is detected (open circuit,
over temperature, timeout, and so on).
AVDD
36
24
Supply input
Positive analog power supply.
BOOST
27
20
Analog output
Boost pin. External transistor connection (optional).
CAP1
28
21
Analog input
Connection for output filtering capacitor (optional).
CAP2
29
22
Analog input
Connection for output filtering capacitor (optional).
CLR
5
6
Digital input
Clear input. Logic high on this pin causes the part to enter CLEAR state.
Active high.
DIN
8
9
Digital input
Serial data input. Data are clocked into the 24-bit input shift register on the
rising edge of the serial clock input. Schmitt-Trigger logic input.
DVDD
39
2
Supply input
or output
Digital power supply. Can be input or output, depending on DVDD-EN pin.
DVDD-EN
23
16
Digital input
Internal power-supply enable pin. Connect this pin to GND to disable the
internal supply, or leave this pin unconnected to enable the internal supply.
When this pin is connected to GND, an external supply must be connected
to the DVDD pin.
GND
12, 13, 14,
15, 37
1, 11, 12
Supply input
Ground reference point for all analog circuitry of the device.
GND
3, 4
4, 5
Supply input
Ground reference point for all digital circuitry of the device.
HART-IN
24
17
Analog input
Input pin for HART modulation.
IOUT
26
19
Analog output
Current output pin
ISET-R
16
13
Analog input
Connection pin for external precision resistor (15 kΩ). See Section 8 of this
data sheet.
LATCH
6
7
Digital input
Load DAC registers input. A rising edge on this pin loads the input shift
register data into the DAC data and control registers and updates the DAC
output.
NC
1, 10, 11,
19, 20, 21,
22, 30, 31,
32, 33, 34,
35, 38, 40
23
—
No connection.
R3-SENSE
25
18
Analog output
This pin is used as a monitoring feature for the output current. The voltage
measured between the R3-SENSE pin and the BOOST pin is directly
proportional to the output current.
REFOUT
17
14
Analog output
Internal reference output. Connects to REFIN when using internal
reference.
REFIN
18
15
Analog input
Reference input
SCLK
7
8
Digital input
Serial clock input of the SPI. Data can be transferred at rates up to 30 MHz.
Schmitt-Trigger logic input.
SDO
9
10
Digital output
Serial data output. Data are valid on the rising edge of SCLK.
Thermal Pad
—
—
Supply input
The thermal pad is internally connected to GND. For enhanced thermal
performance, thermally connect the pad to a copper plane. The pad can
be electrically connected to the same potential as the GND pin or left
electrically unconnected provided a supply connection is made at the GND
pin.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com