Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC60501 Datasheet (PDF) - Texas Instruments

DAC60501 Datasheet PDF - Texas Instruments
Part # DAC60501
Download  DAC60501 Download
File Size   2912.16 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx0501 16-Bit, 14-Bit, and 12-Bit, 1-LSB INL, Voltage-Output DACs With Precision Internal Reference

DAC60501 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC60501 Datasheet PDF - Texas Instruments

Part # DAC60501
Download  DAC60501 Click to download

File Size   2912.16 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DACx0501 16-Bit, 14-Bit, and 12-Bit, 1-LSB INL, Voltage-Output DACs With Precision Internal Reference

DAC60501 Datasheet (HTML) - Texas Instruments


DAC60501 Product details

1 Features
• 16-bit performance: 1-LSB INL and DNL (max)
• Low glitch energy: 4 nV–s
• Wide power supply: 2.7 V to 5.5 V
• Buffered output range: 5 V, 2.5 V, or 1.25 V
• Very-low power: 1 mA at 5.5 V
• Integrated 5-ppm/°C (max), 2.5-V precision
reference
• Pin-selectable serial interface:
– 3-wire, SPI compatible up to 50-MHz
– 2-wire, I2C compatible
• Power-on-reset: Zero scale or midscale
• 1.62-V VIH with VDD = 5.5 V
• Temperature range: –40°C to +125°C
• Packages: Small 8-pin WSON and 10-pin VSSOP

2 Applications
• Oscilloscopes and digitizers
• Parametric measurement unit (PMU)
• Data acquisition (DAQ)
• Flat panel display (FPD) shorting bar pattern
generator
• Small cell base station
• Analog output module
• Process analytics (pH, gas, concentration, force
and humidity)
• Programmable dc power supply

3 Description
The 16-bit DAC80501, 14-bit DAC70501, and 12-bit
DAC60501 (DACx0501) digital-to-analog converters
(DACs) are highly accurate, low-power devices
with voltage-output. The DACx0501 are specified
monotonic by design, and offer linearity of < 1 LSB.
These devices include a 2.5-V, 5-ppm/°C internal
reference, giving full-scale output voltage ranges of
1.25 V, 2.5 V, or 5 V. The DACx0501 incorporate
a power-on-reset (POR) circuit that makes sure the
DAC output powers up at zero scale or midscale, and
remains at that scale until a valid code is written to
the device. These devices consume a low current of
1 mA, and include a power-down feature that reduces
current consumption to typically 15 μA at 5 V.
The digital interface of the DACx0501 can be
configured to SPI or I2C mode using the SPI2C pin.
In SPI mode, the DACx0501 use a versatile 3-wire
serial interface that operates at clock rates of up
to 50 MHz. In I2C mode, the DACx0501 operate in
standard mode (100Kbps), fast mode (400Kbps), and
fast mode plus (1.0Mbps).




Similar Part No. - DAC60501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC60501 TI1-DAC60501 Datasheet
488Kb / 32P
16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters
DAC60501 TI1-DAC60501 Datasheet
840Kb / 37P
DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
DAC60501MDGSR TI1-DAC60501MDGSR Datasheet
840Kb / 37P
DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
DAC60501MDGST TI1-DAC60501MDGST Datasheet
840Kb / 37P
DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
DAC60501MDQFR TI1-DAC60501MDQFR Datasheet
840Kb / 37P
DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
More results


Similar Description - DAC60501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
logo
Texas Instruments
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
DAC80501 TI1-DAC80501_V01 Datasheet
840Kb / 37P
DACx0501, 16-, 14-, 12-Bit, 1-LSB INL, Voltage-Output Digital-to-Analog Converters With Precision Internal Reference
DAC80502 TI1-DAC80502 Datasheet
440Kb / 33P
DACx0502, Dual, 16-Bit, 14-Bit, and 12-Bit, 1-LSB INL, Voltage-Output DACs With Precision Internal Reference
DAC81402 TI-DAC81402 Datasheet
5Mb / 54P
DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC61401 TI1-DAC61401 Datasheet
3Mb / 51P
DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com