Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100 Datasheet (PDF) - Banner Engineering Corp.

K100 Datasheet PDF - Banner Engineering Corp.
Part # K100
Download  K100 Download
File Size   594.15 Kbytes
Page   6 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description Pro Hazardous Daylight Visible Beacon - AC

K100 Datasheet (PDF)

Go To PDF Page Download Datasheet
K100 Datasheet PDF - Banner Engineering Corp.

Part # K100
Download  K100 Click to download

File Size   594.15 Kbytes
Page   6 Pages
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.
Description Pro Hazardous Daylight Visible Beacon - AC

K100 Datasheet (HTML) - Banner Engineering Corp.


K100 Product details

Features
Highly visible indicator provides bright, even light in direct sunlight
Ex/HazLoc approvals for potentially explosive environment applications
Three colors in one device
36 mm threaded polycarbonate base
Rugged IP69K per DIN 40050-9, UL Type 4X housing
Variety of connector options
Rugged UV-stabilized polycarbonate base and window
100 V AC to 240 V AC operating voltage
IK10 impact rating for maximum protection




Similar Part No. - K100

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
logo
Sensata Technologies, I...
K100 SENSATA-K100 Datasheet
539Kb / 4P
Platform Control System for rough terrain scissor lift
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 8P
Pro Daylight Visible Beacon – DC
May 26, 2023 Rev. F
K100 BANNER-K100 Datasheet
3Mb / 6P
Pro Indicator Beacon
May 26, 2023 Rev. E
More results


Similar Description - K100

ManufacturerPart #DatasheetDescription
logo
Littelfuse
242 LITTELFUSE-242 Datasheet
90Kb / 1P
Hazardous Area Fuses
logo
List of Unclassifed Man...
YSS248 ETC-YSS248 Datasheet
1Mb / 12P
DOLBY AC-3 PRO LOGIC DECODER
logo
KODENSHI_AUK CORP.
PT23GP11 KODENSHI-PT23GP11 Datasheet
527Kb / 2P
Daylight sensor
logo
Banner Engineering Corp...
TL50BLZ BANNER-TL50BLZ Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
logo
Mallory Sonalert Produc...
SCH628NR MSPI-SCH628NR Datasheet
56Kb / 1P
HAZARDOUS LOCATION ALARM
logo
Schneider Electric
XVR08J06 SCHNEIDER-XVR08J06 Datasheet
123Kb / 4P
Rotating beacon, 84 mm, blue, without buzzer, 12 AC
May 24, 2021
XVBL8B5 SCHNEIDER-XVBL8B5 Datasheet
113Kb / 4P
Harmony XVB, Illuminated beacon, plastic, Harmony XVB, Illuminated beacon, plastic, tube, 10 joule, 24 V AC/DC
May 24, 2021
logo
Banner Engineering Corp...
K100 BANNER-K100 Datasheet
3Mb / 6P
K100 Pro Indicator Beacon – DC
Rev. C 29 September 2022
K100 BANNER-K100_V01 Datasheet
3Mb / 7P
K100 Pro Daylight Visible Beacon – DC
Rev. D 29 September 2022
logo
STEGO Elektrotechnik Gm...
CREX020-T5 STEGO-CREX020-T5 Datasheet
297Kb / 1P
HAZARDOUS AREA HEATER
23.08.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com