Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPX3-TL Datasheet (PDF) - Elma Electronic Ltd

VPX3-TL Datasheet PDF - Elma Electronic Ltd
Part # VPX3-TL
Download  VPX3-TL Download
File Size   560.23 Kbytes
Page   3 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Rugged 3U VPX Intel® Xeon® W-11865MRE Processor Blade

VPX3-TL Datasheet (PDF)

Go To PDF Page Download Datasheet
VPX3-TL Datasheet PDF - Elma Electronic Ltd

Part # VPX3-TL
Download  VPX3-TL Click to download

File Size   560.23 Kbytes
Page   3 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description Rugged 3U VPX Intel® Xeon® W-11865MRE Processor Blade

VPX3-TL Datasheet (HTML) - Elma Electronic Ltd


VPX3-TL Product details

Features
• Intel® Xeon® W-11865MRE processor (formerly Tiger Lake-H); up to 8 cores with 45 watt TDP
• SOSA-aligned and VITA 46/47/48/65 compliant for quick deployment
• 32GB DDR4-2666 soldered ECC SDRAM (roadmap to 64GB)
• Supports NVMe and SATA SSD by BOM option, up to 1TB
• One XMC expansion slot with PCIe x8 Gen3 (according to product SKU)
• Ethernet connectivity: 1x 2.5GBASE-T to P2; 2x 10GBASE-KR to P1; optional 2x 1GBASE-KX to P1
• 1x DisplayPort to P2, supports DP++ with resolution up to 8K/60Hz




Similar Part No. - VPX3-TL

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
VPX3000 ADLINK-VPX3000 Datasheet
1Mb / 4P
Military Storage and Data Processing
VPX3001 ADLINK-VPX3001 Datasheet
757Kb / 4P
Rugged 3U VPX 3rd Generation Intel Core i7 Processor Blade
VPX3010 ADLINK-VPX3010 Datasheet
886Kb / 4P
Rugged 3U VPX Intel Xeon Processor D-1500 Processor Blade
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
List of Unclassifed Man...
VPX3214 ETC-VPX3214 Datasheet
752Kb / 80P
Video Pixel Decoders
More results


Similar Description - VPX3-TL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CT-31 ETC2-CT-31 Datasheet
277Kb / 1P
Rugged Conduction Cooled 3U CompactPCI Intel Atom Processor Blade
logo
Adlink Technology Inc.
VPX3001 ADLINK-VPX3001 Datasheet
757Kb / 4P
Rugged 3U VPX 3rd Generation Intel Core i7 Processor Blade
VPX3010 ADLINK-VPX3010 Datasheet
886Kb / 4P
Rugged 3U VPX Intel Xeon Processor D-1500 Processor Blade
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
Advantech Co., Ltd.
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3332 ADVANTECH-MIC-3332 Datasheet
1Mb / 3P
3U CompactPCI Intel® 6th Gen. Quad- Core™ Processor Blade
29-Nov-2022
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-6315 ADVANTECH-MIC-6315 Datasheet
488Kb / 2P
OpenVPX CPU Blade with Intel® Xeon® D-1500 family Processor
17-Jun-2019
MIC-6330 ADVANTECH-MIC-6330 Datasheet
643Kb / 2P
3U OpenVPX CPU Blade with Intel® Xeon® Processor E3v5 and E3v6 family
17-Jun-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com