Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPX3424 Datasheet (PDF) - Elma Electronic Ltd

VPX3424 Datasheet PDF - Elma Electronic Ltd
Part # VPX3424
Download  VPX3424 Download
File Size   368.16 Kbytes
Page   4 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description OpenVPX™ 3U Single Board Computer with T4240

VPX3424 Datasheet (PDF)

Go To PDF Page Download Datasheet
VPX3424 Datasheet PDF - Elma Electronic Ltd

Part # VPX3424
Download  VPX3424 Click to download

File Size   368.16 Kbytes
Page   4 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description OpenVPX™ 3U Single Board Computer with T4240

VPX3424 Datasheet (HTML) - Elma Electronic Ltd


VPX3424 Product details

Features
 OpenVPX™ 3U Single Board Computer (VITA 46, VITA 65)
 Freescale® T4240 with 12 dual-threaded e6500 cores up to 1.8GHz (up to 216 GFlops)
o Three clusters of 4 cores and 2MB cache per cluster
o Each core has built-in AltiVec® technology accelerators
o Highest SoC CoreMark™ score to date – 187,874 points (coremark.org)
o Almost four times faster than the Freescale® P4080
o QorIQ® Data Path Acceleration Architecture support
o Advanced MMU capabilities for enhanced safety and reliability
o Part of the Freescale® Product Longevity Program
 Up to 12GB of DDR3 RAM
o Three DDR3 controllers; 64-bit bus with ECC up to 1866MT/s (2133MT/s TBC)
o Backed by 1.5MB of CoreNet™ Platform Cache
 Non-volatile storage options:
o 2Mbit of FRAM
o Up to 64GB eMMC
o 256MB Flash for programs
 User-programmable FPGA
o Can use up to 36 free pins on the OpenVPX™ User I/O
o PCI Express x4 connection between CPU and FPGA
o IFC connection between CPU and FPGA
 Extensive on-board temperature, voltage and current monitoring and logging capabilities
 Board Management Control on IPMC bus (VITA 46.11)
 On-board Elapsed Time Indicator
 Debug facilities through AURORA and JTAG on-board connector
 Interfaces (available with use of RTM):
o IPMC bus
o Software configurable data plane:
 2x PCIe x4 or 1x PCIe x8 or 1x PCIe x4 and 1x Serial RapidIO® x4
o Control plane: up to four Gigabit Ethernet links (1000BASE-T or 1000BASE-KX)
o Four 10GBit Ethernet (10GBase-KR)
o Two SATA 2.0 ports
o Two USB 2.0 ports
o SerDes x4 lanes
o Software configurable: two UARTs or one UARTs with RTS/CTS
o CAN ports, FPGA IP using GPIO pins
 Air-cooled and conduction cooled ruggedized REDI (VITA 48) variants available
 Operation temperature of components for the REDI compliant board, conduction cooled, is at least -40..+85o Celsius. The air cooled board may have different operation temperature range components.
 Optional conformal coating.




Similar Part No. - VPX3424

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VPX3478 CPI-VPX3478 Datasheet
414Kb / 1P
X-Band Transmitter
More results


Similar Description - VPX3424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HS-6038 ETC-HS-6038 Datasheet
131Kb / 1P
PICMG BUS SINGLE BOARD COMPUTER
logo
Motorola, Inc
MVME147 MOTOROLA-MVME147 Datasheet
178Kb / 4P
Single-board computer
logo
List of Unclassifed Man...
VL-EPIC-25SA ETC2-VL-EPIC-25SA Datasheet
643Kb / 2P
EPIC Single Board Computer
VL-EPIC-17EA ETC2-VL-EPIC-17EA Datasheet
627Kb / 2P
EPIC Single Board Computer
VL-EBX-11G ETC2-VL-EBX-11G Datasheet
426Kb / 2P
EBX Single Board Computer
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
MIC-6030 ADVANTECH-MIC-6030 Datasheet
780Kb / 2P
3U OpenVPX PCIe/ Ethernet hybrid switch
30-Jan-2018
MIC-6130 ADVANTECH-MIC-6130 Datasheet
431Kb / 1P
3U OpenVPX PCIe/ SATA M.2 carrier
17-Jun-2019
MIC-6131 ADVANTECH-MIC-6131 Datasheet
555Kb / 1P
3U OpenVPX XMC carrier
17-Jun-2019
MIC-6330 ADVANTECH-MIC-6330 Datasheet
643Kb / 2P
3U OpenVPX CPU Blade with Intel® Xeon® Processor E3v5 and E3v6 family
17-Jun-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com