Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS250DF230 Datasheet (PDF) - Texas Instruments

DS250DF230 Datasheet PDF - Texas Instruments
Part # DS250DF230
Download  DS250DF230 Download
File Size   3070.13 Kbytes
Page   119 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer

DS250DF230 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS250DF230 Datasheet PDF - Texas Instruments

Part # DS250DF230
Download  DS250DF230 Click to download

File Size   3070.13 Kbytes
Page   119 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer

DS250DF230 Datasheet (HTML) - Texas Instruments


DS250DF230 Product details

1 Features
• Dual-channel multi-rate retimer with integrated
signal conditioning
• All channels lock independently from 19.6 to
25.8 Gbps (including sub-rates, such as 12.16512
Gbps, 9.8304 Gbps, 6.144 Gbps, and more)
• Ultra-low latency: <500 ps Typical for 25.78125-
Gbps data rate
• Adaptive continuous time linear equalizer (CTLE)
• Continuous adaptive decision feedback equalizer
(DFE), capable of compensating large channel
loss variation over temperature
• Combined equalization supporting 35-dB channel
loss at 12.9 GHz
• On-chip eye-opening monitor (EOM), PRBS
pattern checker and generator
• Low-jitter transmitter with 3-Tap FIR filter
• Integrated 2×2 cross-point
• Recovered clock available for system clock
synchronization applications on channel 0
• Single power supply, no low-jitter reference clock
required
• Wide stay-in-lock temperature range

2 Applications
• Jitter cleaning for front-port optical interface in
wireless and wired systems
• Backplane/mid-plane reach extension
• Active cable assemblies
• 802.3bj 100GbE, InfiniBand EDR, and OIFCEI-
25G-LR/MR/SR/VSR electrical interfaces
• SFP28, QSFP28, CFP2/CFP4, CDFP

3 Description
The DS250DF230 is a dual-channel multi-rate retimer
with integrated signal conditioning. The device is used
to extend the reach and robustness of long, lossy,
crosstalk-impaired high-speed serial links and while
achieving a bit error rate (BER) of 10–15 or less.
Each channel of the DS250DF230 independently
locks to serial data rates in a continuous range from
19.6 Gbps to 25.8 Gbps or to any supported subrate
(÷2 and ÷4), including key data rates such as
12.16512 Gbps, 9.8304 Gbps, and 6.144 Gbps.
The DS250DF230 is offered in two package options,
36-pin NFBGA and 32-pin QFN, with compact body
sizes of 5 × 5 mm. The NFBGA (ZLS) package offers
robust performance and ease of design with minimal
BOM footprint, while the QFN (RTV) package offers
similar performance characteristics with improved
thermal performance supporting PCB temperatures
up to 105°C without the need for a heat sink.




Similar Part No. - DS250DF230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI-DS250DF230 Datasheet
2Mb / 105P
DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230RTVR TI-DS250DF230RTVR Datasheet
2Mb / 105P
DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230RTVT TI-DS250DF230RTVT Datasheet
2Mb / 105P
DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230ZLSR TI1-DS250DF230ZLSR Datasheet
274Kb / 11P
25-Gbps Multi-Rate 2-Channel Retimer
More results


Similar Description - DS250DF230

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
Low Power Multi-Rate Quad Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
25 Gbps Multi-Rate 4-Channel Retimer
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
25 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
28 Gbps Multi-Rate 8-Channel Retimer
DS250DF210 TI1-DS250DF210 Datasheet
899Kb / 12P
25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
25-Gbps Multi-Rate 2-Channel Retimer
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS560DF810 TI-DS560DF810 Datasheet
647Kb / 12P
DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED DECEMBER 2022
DS560DF410 TI-DS560DF410 Datasheet
553Kb / 9P
DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com