Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-3 Datasheet (PDF) - Mersen

CS-3 Datasheet PDF - Mersen
Part # CS-3
Download  CS-3 Download
File Size   271.88 Kbytes
Page   3 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description Amp-Trap® CS-3 Series and 9F60/9F62 Series

CS-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS-3 Datasheet PDF - Mersen

Part # CS-3
Download  CS-3 Click to download

File Size   271.88 Kbytes
Page   3 Pages
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen
Description Amp-Trap® CS-3 Series and 9F60/9F62 Series

CS-3 Datasheet (HTML) - Mersen


CS-3 Product details

FEATURES/BENEFITS:
• Amp-Trap CS-3 and 9F62 series are UL listed for compatibility with
UL listed equipment.
• Ferrule mounting for standard clips and interchangeability with other
brands of fuses.
• Current-limiting for superior equipment protection.
• Non-venting for silent operation.
• Metal embossed catalog number and manufacturing date for lasting
identification.
• Outdoor usage for the 9F62 and 9F60 type EJO.
• Blown-fuse indicator to give positive identification of open fuse:
• Amp-Trap, 2" Barrel: 1 lb tripped force - 0.19 inch
• Amp-Trap, 3" Barrel: 1 lb tripped force - 0.44 inch
• Amp-Trap, 3" Barrel, Striker: 5 lb tripped force - 1 inch
• 9F60/9F62: 0.125 lb tripped force – 0.20 inch
• Accessories - see Section FB




Similar Part No. - CS-3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
Clock Smoother
logo
IET Labs Inc.
CS-300 IET-CS-300 Datasheet
301Kb / 2P
RS Series -- Standard Models
logo
Vectron International, ...
CS-300-CFC-C4D2M2 VECTRON-CS-300-CFC-C4D2M2 Datasheet
795Kb / 8P
Clock Smoother
CS-300-CFC-C4D2M2G VECTRON-CS-300-CFC-C4D2M2G Datasheet
795Kb / 8P
Clock Smoother
CS-300-CFC-C4D2T4 VECTRON-CS-300-CFC-C4D2T4 Datasheet
795Kb / 8P
Clock Smoother
More results


Similar Description - CS-3

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
CS54 SUMIDA-CS54 Datasheet
33Kb / 1P
RF COILS < SMD Type: CS Series>
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS Series>
CS-5F SUMIDA-CS-5F Datasheet
30Kb / 1P
RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
RF COILS < SMD Type: CS Series>
logo
Omron Electronics LLC
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
SYSMAC CS-series EtherNet/IP Unit
logo
Greystone Energy System...
CS625 GREYSTONE-CS625 Datasheet
170Kb / 2P
CS-625 Series Current Switch
logo
AAEON Technology
GENE-EHL5 AAEON-GENE-EHL5 Datasheet
553Kb / 2P
SubCompact Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2022/09/08
PICO-EHL1 AAEON-PICO-EHL1 Datasheet
558Kb / 2P
Pico-ITX Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2023/04/14
logo
Leadshine Technology Co...
CS-M LEADSHINE-CS-M Datasheet
6Mb / 7P
CS-M Series Stepper Motor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com