Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-3 Datasheet(PDF) 2 Page - Mersen

Part # CS-3
Description  Amp-Trap® CS-3 Series and 9F60/9F62 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

CS-3 Datasheet(HTML) 2 Page - Mersen

  CS-3 Datasheet HTML 1Page - Mersen CS-3 Datasheet HTML 2Page - Mersen CS-3 Datasheet HTML 3Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MERSEN.COM
MV 3
MEDIUM VOLTAGE
FUSES
FERRULE MOUNTED FUSES
Amp-Trap CS-3 Series: (Indoors or outdoors in a
weatherproof enclosure)
A055F: 5.5kV – AC: 5E to 450E – 63kA I.R. Sym
A825X: 8.25kV – AC: 10E to 200E – 70kA I.R. Sym
A155F: 15.5kV – AC: 5E to 200E – 50 kA I.R. Sym
9F62 Series Type EJO-1: (Indoors and outdoors, to 80kA)
9F62: 5.5kV – AC: 25A to 450A – 50kA IR Sym
9F62: 8.3kV – AC: 20A to 250A – 50 kA IR Sym
9F62: 15.5kV – AC: 20A to 200A – 50 kA IR Sym
9F60 Series Type EJO-1: (Indoors and outdoors)
9F60: 2.75kV – AC: 1E to 200E – 50kA IR Sym
9F60: 5.5kV – AC: 0.5E to 200E – 50kA IR Sym
9F60: 8.25kV – AC: 0.5E to 200E – 50kA IR Sym
9F60: 15.5kV – AC: 0.5E to 100E – 50kA to 120kA IR Sym
9F60: 25.8kV – AC: 0.5E to 100E – 25kA to 35kA IR Sym
9F60: 38kV – AC: 1E to 80E – 13kA to 26kA IR Sym
9F60 Series Type EJ-1: (Indoors or outdoors in a
weatherproof enclosure)
9F60: 2.75kV – AC: 1E to 200E – 47kA to 52kA IR Sym
9F60: 5.5kV – AC: 0.5E to 25E – 63kA IR Sym
9F60: 15.5kV – AC: 2E to 175E – 31kA to 82kA IR Sym
9F60: 25.8kV – AC: 0.5E to 2E – 35kA IR Sym
9F series
A = 3.31 inches (84mm)
9F series
B = 6.3 inches (160mm)
Amp-Trap series A = 3.63 inches (92 mm)
Amp-Trap series B = 6.63 inches (169 mm)
Transformer Protection
Amp-Trap® CS-3 Series and 9F60/9F62 Series
DEFINITIONS:
General Purpose Current-Limiting Fuses (Per IEEE
Std C37.41-2016):
A general purpose current-limiting fuse is one that
is capable of interrupting all currents, from its rated
maximum interrupting current down to a low value
equal to the current that causes melting of the
fuse elements in one hour or more, under specified
conditions.
E-Rating: E-Rated fuses operate as follows
(per IEEE C37.42-2016):
• 100E or less – must melt in 300 seconds (5 mins.)
at 200 to 240% of E (ampere) rating.
• Over 100E – must melt in 600 seconds (10 mins.)
at 220 to 264% of E (ampere) rating.
• Example: A 100E fuse must melt in 300 seconds
with an applied current of 200
to 240 amperes.
Power Distribution Fuses:
Defines fuses designed prior to the time where the
ANSI standards defined the term “General Purpose”
and do not meet all of the general purpose
definition. These fuses are capable of interrupting
all currents above 2.2 to 3 times the fuse’s rated
current up to its maximum interrupting rating.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com