Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDL6V5582 Datasheet (PDF) - ABLIC Inc.

HDL6V5582 Datasheet PDF - ABLIC Inc.
Part # HDL6V5582
Download  HDL6V5582 Download
File Size   581.02 Kbytes
Page   29 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description OCTAL ±100V 1.8A ULTRASOUND PULSER

HDL6V5582 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDL6V5582 Datasheet PDF - ABLIC Inc.

Part # HDL6V5582
Download  HDL6V5582 Click to download

File Size   581.02 Kbytes
Page   29 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description OCTAL ±100V 1.8A ULTRASOUND PULSER

HDL6V5582 Datasheet (HTML) - ABLIC Inc.


HDL6V5582 Product details

Features
• 0 to ±100V output voltage
• ±1.8A source and sink peak current for pulsing with output blocking high-voltage (HV) diodes
• ±0.5A source and sink peak current for active ground damping with output blocking HV diodes
• 25Ω (±0.5A) active high-voltage clamping without output blocking HV diodes (analog SW type)
• 500Ω (±0.05A) active ground damping without output blocking HV diodes (analog SW type)
• Internally-generated floating voltage supplies to the gate drive buffers
• 3-to-5 decoder with clock/transparent mode control for 5-level operation
• Up to 20MHz operation frequency (@±60V output, 220pF load)
• 1.8V to 5V CMOS logic interface
• 4-mode output drive current control for power saving
• Thermal protection
• Latch-up free, less crosstalk between channels (SOI CMOS technology)
• 52-lead 8mm x 8mm QFN package (RoHS compliant)




Similar Part No. - HDL6V5582

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
HDL6V5583 ABLIC-HDL6V5583 Datasheet
537Kb / 29P
OCTAL ±100V 1.8A 3-LEVEL ULTRASOUND PULSER
Rev.2.1_00
More results


Similar Description - HDL6V5582

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV739DB1 SUTEX-HV739DB1 Datasheet
860Kb / 8P
HV739 짹100V 3.0A Ultrasound Pulser Demo Board
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
LM96550 Ultrasound Transmit Pulser
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
Ultrasound HV pulser demonstration board
21-Dec-2010
logo
Texas Instruments
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com