Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5962 Datasheet (PDF) - STMicroelectronics

L5962 Datasheet PDF - STMicroelectronics
Part # L5962_V01
Download  L5962 Download
File Size   254.57 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiple linear/switching voltage regulator for car-radio

L5962 Datasheet (PDF)

Go To PDF Page Download Datasheet
L5962 Datasheet PDF - STMicroelectronics

Part # L5962_V01
Download  L5962 Click to download

File Size   254.57 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Multiple linear/switching voltage regulator for car-radio

L5962 Datasheet (HTML) - STMicroelectronics


L5962 Product details

Features
■ Step-down synchronous switching voltage
regulator
– Internal high-side/ Low-side NDMOS
– 1.2 < Vout < 8 V selectable through external
resistors
– 1.2/2.5 A load current selected through
dedicated pin
– 185 kHz free-run frequency
– SYNC function (220 < fsw < 400 kHz)
■ Linear regulators
– 3.3/5 V @ 150 mA standby regulator
selected through dedicated pin
(VSTBYSEL)
– 5/8.5 V @ 350 mA switched linear regulator
enabled and selected through I2C bus
(VLR1)
– 3.3/10 V @ 1 A switched linear regulator
enabled and selected through I2C bus
(VLR2)
■ 2 High side drivers (0.5 V max drop @ 0.5 A)
enabled through I2C bus and equipped with
protection circuit against:
– short to ground and battery
– loss of ground and battery
– unsupplied short to battery
■ Reset function with configurable delay (RST,
RSTDLY)
■ I2C bus
■ Enable pin to drive switching regulator and I2C
bus logic
■ Under/over voltage battery detector
(VBATVW)
– Under voltage threshold adjustable through
dedicated pin (LVWIN)
■ Load dump protection
■ Independent thermal protection on all
regulators




Similar Part No. - L5962_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5962TR STMICROELECTRONICS-L5962TR Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
More results


Similar Description - L5962_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4943 STMICROELECTRONICS-L4943 Datasheet
113Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Dec-2000
L4953G STMICROELECTRONICS-L4953G Datasheet
45Kb / 6P
MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Apr-1999
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
Mar-2001
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
29-Aug-2007
L5958 STMICROELECTRONICS-L5958 Datasheet
282Kb / 20P
Multifunction voltage regulator for car radio
12-Jul-2010
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
10-Dec-2009
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
Jun-2000
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
09-Jul-2010
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com