Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613 Datasheet (PDF) - STMicroelectronics

L9613 Datasheet PDF - STMicroelectronics
Part # L9613
Download  L9613 Download
File Size   218.15 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Data interface

L9613 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9613 Datasheet PDF - STMicroelectronics

Part # L9613
Download  L9613 Click to download

File Size   218.15 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Data interface

L9613 Datasheet (HTML) - STMicroelectronics


L9613 Product details

Features
■ Operating power supply voltage range
4.8V  VS  36V (40V for transients)
■ Reverse supply (battery) protected down to
VS  -24V
■ Standby mode with very low current
consumption ISSB  1mA @ VCC  0.5V
■ Min. possible Baud rate according to ISO9141
 130 kBaud
■ Low quiescent current in off condition ISOFF =
120μA
■ TTL compatible TX input
■ Bidirectional K-I/O pin with supply voltage
dependent input threshold
■ Over temperature shut down function selective
to K-I/O pin
■ Wide input and output voltage range:
-24V  VK  VS
■ K output current limitation, typ. IK = 60mA
■ Defined OFF output status in under voltage
condition and VS or GND interruption
■ Controlled output slope for low EMI




Similar Part No. - L9613

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9613 STMICROELECTRONICS-L9613 Datasheet
70Kb / 10P
DATA INTERFACE
Nov-1999
L9613B STMICROELECTRONICS-L9613B Datasheet
70Kb / 10P
DATA INTERFACE
Nov-1999
L9613B013TR STMICROELECTRONICS-L9613B013TR Datasheet
70Kb / 10P
DATA INTERFACE
Nov-1999
More results


Similar Description - L9613

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9613B STMICROELECTRONICS-L9613B Datasheet
70Kb / 10P
DATA INTERFACE
Nov-1999
logo
fujitsu semiconductor
MB89255A FUJITSU-MB89255A Datasheet
113Kb / 1P
PARALLEL DATA I/O INTERFACE
logo
Motorola, Inc
MC145428 MOTOROLA-MC145428 Datasheet
44Kb / 1P
DATA SET INTERFACE
logo
Texas Instruments
TLC34075A TI1-TLC34075A Datasheet
321Kb / 53P
Video Interface Palette Data Manual
logo
GSI Technology
GS8662Q10BGD-357I GSI-GS8662Q10BGD-357I Datasheet
502Kb / 28P
Dual Double Data Rate interface
GS8662DT20BGD-500I GSI-GS8662DT20BGD-500I Datasheet
556Kb / 33P
Dual Double Data Rate interface
GS81302D38GE-350 GSI-GS81302D38GE-350 Datasheet
515Kb / 31P
Dual Double Data Rate interface
GS81302DT07GE-400 GSI-GS81302DT07GE-400 Datasheet
513Kb / 30P
Dual Double Data Rate interface
logo
WAGO Kontakttechnik Gmb...
750-654 WAGO-750-654 Datasheet
476Kb / 12P
Serial Data Exchange Interface
logo
Pepperl+Fuchs Inc.
VAA-4E4A-KE2-DK PF-VAA-4E4A-KE2-DK Datasheet
266Kb / 2P
AS-Interface data coupler
2020-02-06
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com