Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9613
Description  Data interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613 Datasheet(HTML) 5 Page - STMicroelectronics

  L9613 Datasheet HTML 1Page - STMicroelectronics L9613 Datasheet HTML 2Page - STMicroelectronics L9613 Datasheet HTML 3Page - STMicroelectronics L9613 Datasheet HTML 4Page - STMicroelectronics L9613 Datasheet HTML 5Page - STMicroelectronics L9613 Datasheet HTML 6Page - STMicroelectronics L9613 Datasheet HTML 7Page - STMicroelectronics L9613 Datasheet HTML 8Page - STMicroelectronics L9613 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
L9613
Electrical specification
5/15
VKhys
Input threshold hysteresis
VKhigh - VKlow
VS  8V
VS  6V
0.2
0.08
0.05VS
1V
IKoff
Input current
@ VTX
 VTX
high
VS, VCC  0 or VS
VCC = open or
GND = open
-5
4
25
µA
RKON
Output ON impedance
@ VS  6.5V
VTX
 VTX
low IK  7mA
(2)
10
30
IKSC
Short circuit current
@ VS  6.5V
40
60
150
mA
VKsat
Output saturation voltage
RKO = 1.5k
1V
VTXlow
Input voltage LOW state
-24
1
V
VTXhigh
Input voltage HIGH state
3.5
VCC
V
RRXON
RLOON
Output ON impedance
VK
 VK
low; VLI  VLIlow
VS  6.5V IRX, LO  1mA
40
90
VRXsat
VLOsat
Saturation output voltage
no external load
1
V
IRXSC
ILOSC
Output short circuit current
@ VS  6.5V
9
20
50
mA
RTX
Input pull-up resistance
Output status = (HIGH)
Tamb =  85°C
-0.15V
 VLO  V
CC + 0.15V
-0.15V
 VRX  V
CC + 0.15V
510
18
k
RTX
Input pull up resistance
-0.15V
 VTX  V
CC + 0.15V
Tamb =  125°C
10
20
40
k
VLIlow
Input voltage LOW state
LO output status LOW
-24
0.40VS
V
VLhigh
Input voltage HIGH state
LO output status HIGH
0.60VS
VS
V
VLIhys
Input threshold hysteresis
VLIhigh - VLIlow
0.025VS
0.8
V
ILI
Input current
VS, VCC  0 or
VS, VCC = open or
GND = open
-5
4
40
µA
CKi,LO,RX
Internal output capacities
20
pF
fLI-LO
fK-RX
fTX-k
Transmission frequency
9V < VS < 16V (external loads)
Tmin  20 · RKO · CK - Kline
130
kHz
Table 5.
Electrical characteristics (continued)
(The electrical characteristics are valid within the below defined operating conditions, unless
otherwise specified. The function is guaranteed by design until TJSDon temperature
shutdown switch-on-threshold. VS = 4.8 to 18V; VCC = 3 to 7V; Tj = -40 to +150°C).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com