Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9613
Description  Data interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9613 Datasheet HTML 7Page - STMicroelectronics L9613 Datasheet HTML 8Page - STMicroelectronics L9613 Datasheet HTML 9Page - STMicroelectronics L9613 Datasheet HTML 10Page - STMicroelectronics L9613 Datasheet HTML 11Page - STMicroelectronics L9613 Datasheet HTML 12Page - STMicroelectronics L9613 Datasheet HTML 13Page - STMicroelectronics L9613 Datasheet HTML 14Page - STMicroelectronics L9613 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
L9613
Functional description
11/15
Figure 9.
EMS performance (ISO 9141 BUS system) diagram
Figure 10.
EMS rejection frequency vs. power
VS = 12V
50
Ω
10kHz
510
Ω
136
Ω
68
Ω
1.5nF
=
40dB
Pimax = 5W
Rhode
& Schwartz
SMG
0.1 - 1000MHz
NAP
Probe
NAP - 73
RX
VS
K
VS
TX
K
L9613
L9613
Δ≤ ± 10%
Signal comparison
Δ
Pi
10000
5000
1000
100
1
10
100
1000
not incident power resistant
incident power resistant
Pi(mW)
f (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com