Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9613 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L9613
Description  Data interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9613 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L9613 Datasheet HTML 7Page - STMicroelectronics L9613 Datasheet HTML 8Page - STMicroelectronics L9613 Datasheet HTML 9Page - STMicroelectronics L9613 Datasheet HTML 10Page - STMicroelectronics L9613 Datasheet HTML 11Page - STMicroelectronics L9613 Datasheet HTML 12Page - STMicroelectronics L9613 Datasheet HTML 13Page - STMicroelectronics L9613 Datasheet HTML 14Page - STMicroelectronics L9613 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Functional description
L9613
12/15
3.1
ESD application hints
To improve the ESD robustness of this device above specified ±2 kV/HBM external blocking
capacitors must be used. Nevertheless the max. energy which can be clamped by this
device should not exceeds 0.2mJ for each pin. An equivalent input diagram for calculation
can be seen in Figure 11.
ESD discharge model:
Figure 11.
Input diagram for calculation
E
ESD
1
2
---C
HBMUESD
2
0.2mJ
1
2
---C
EXT
45V

2
+
==
100pF
1.5k
Ω
45V
45V
E
≤ 0.2mJ
HBM
C
R HBM
C ext



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com