Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663 Datasheet (PDF) - STMicroelectronics

L9663 Datasheet PDF - STMicroelectronics
Part # L9663
Download  L9663 Download
File Size   1622.16 Kbytes
Page   106 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive PSI5 Transceiver IC

L9663 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9663 Datasheet PDF - STMicroelectronics

Part # L9663
Download  L9663 Click to download

File Size   1622.16 Kbytes
Page   106 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive PSI5 Transceiver IC

L9663 Datasheet (HTML) - STMicroelectronics


L9663 Product details

Features
 AEC-Q100 qualified
 2-channel PSI5 transceiver compatible with
rev. 1.3 and rev. 2.x
 Manchester coded digital data transmission
 High data transmission speed of 125 kbps
(optional 83.3 kbps and 189 kbps)
 High EMC robustness and low emission
 Bootstrap circuits for sync pulses
 Current limitation and voltage clamp on
interface pins
 Integrated charge pump stage for preregulation
with spread spectrum approach
 Integrated FLL module for high accuracy timing
control
 Reverse voltage protection structure
 Short to ground tolerant with ±1.5 V ground
shift
 32-bit SPI interface with address multiplexing
 Operating voltage: VB = 4.8 V (5.2 V for sync
pulses with 3.5 V step) to 35 V
 Ambient temperature range: -40°C to 140 °C
 Package: VFQFPN28 or TQFP32EP




Similar Part No. - L9663

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
L9663-1 STMICROELECTRONICS-L9663-1 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
L9663-TR STMICROELECTRONICS-L9663-TR Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
L9663-TR-1 STMICROELECTRONICS-L9663-TR-1 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
More results


Similar Description - L9663

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2333T SANYO-LA2333T Datasheet
190Kb / 5P
Monolithic Linear IC Automotive LAN Transceiver IC
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
PSI5 Transceiver IC
19-Jan-2016
logo
ELMOS Semiconductor AG
E521.40 ELMOS-E521.40 Datasheet
1Mb / 84P
Transceiver compliant with PSI5 standard v1.3 and v2.1
E521.41 ELMOS-E521.41 Datasheet
1Mb / 89P
Transceiver compliant with PSI5 standard v1.3 and v2.1
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com