Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99SD01TR-E Datasheet (PDF) - STMicroelectronics

L99SD01TR-E Datasheet PDF - STMicroelectronics
Part # L99SD01TR-E
Download  L99SD01TR-E Download
File Size   2142.68 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated solenoid driver for automotive applications

L99SD01TR-E Datasheet (PDF)

Go To PDF Page Download Datasheet
L99SD01TR-E Datasheet PDF - STMicroelectronics

Part # L99SD01TR-E
Download  L99SD01TR-E Click to download

File Size   2142.68 Kbytes
Page   46 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Integrated solenoid driver for automotive applications

L99SD01TR-E Datasheet (HTML) - STMicroelectronics


L99SD01TR-E Product details

Features
• Automotive qualified
• Excitation switch S1 = 60mΩ
• Recirculation switch S2 = 60 mΩ
• CMOS compatible inputs
• Load current up to 14 A
• Integrated clamp structure
– Switch S1 clamp voltage = 45 V (minimum)
• Current sense amplifier with internal sense
resistor
• S1 switch PWM operation above 10 KHz
• I2C standard interface for mode control and
enhanced diagnostic
• Diagnostic output:
– Open drain fault detection
– Flag of clamp activation at the end of
injection cycle
• Input for voltage monitoring and feedback
• Thermal shutdown and warning
• Overcurrent shutdown and diagnostic
• Undervoltage and overvoltage detection
• Open-load detection




Similar Part No. - L99SD01TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99SD01 STMICROELECTRONICS-L99SD01 Datasheet
1Mb / 2P
Integrated solenoid driver
Jan-2015
L99SD01-E STMICROELECTRONICS-L99SD01-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results


Similar Description - L99SD01TR-E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2380 FAIRCHILD-FDMS2380 Datasheet
377Kb / 15P
Dual Integrated Solenoid Driver
logo
STMicroelectronics
L99H01XP STMICROELECTRONICS-L99H01XP Datasheet
1Mb / 53P
Motor bridge driver for automotive applications
21-Jun-2013
L99H01QF STMICROELECTRONICS-L99H01QF Datasheet
872Kb / 53P
Motor bridge driver for automotive applications
19-Sep-2013
L99SD01 STMICROELECTRONICS-L99SD01 Datasheet
1Mb / 2P
Integrated solenoid driver
Jan-2015
logo
Infineon Technologies A...
1EDI2004AS INFINEON-1EDI2004AS Datasheet
3Mb / 138P
High Voltage IGBT Driver for Automotive Applications
Rev. 2.0 2019-01-16
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
High power LED driver for automotive applications
25-Jul-2018
L99MOD50XP STMICROELECTRONICS-L99MOD50XP Datasheet
1Mb / 42P
Multi-output driver for automotive applications
08-Oct-2019
L99MOD51XP STMICROELECTRONICS-L99MOD51XP Datasheet
1Mb / 33P
Multi-output driver for automotive applications
25-Oct-2019
L99MOD53XP STMICROELECTRONICS-L99MOD53XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
02-Nov-2021
L99MOD54XP STMICROELECTRONICS-L99MOD54XP Datasheet
1Mb / 35P
Multi-output driver for automotive applications
08-Oct-2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com