Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHARLIE Datasheet (PDF) - STMicroelectronics

CHARLIE Datasheet PDF - STMicroelectronics
Part # CHARLIE
Download  CHARLIE Download
File Size   76.58 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CIGAR LIGHTER ADAPTER

CHARLIE Datasheet (PDF)

Go To PDF Page Download Datasheet
CHARLIE Datasheet PDF - STMicroelectronics

Part # CHARLIE
Download  CHARLIE Click to download

File Size   76.58 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CIGAR LIGHTER ADAPTER

CHARLIE Datasheet (HTML) - STMicroelectronics


CHARLIE Product details

DESCRIPTION
The Cigar Lighter Adapter CHARLIE has been designed for charging NiMH and NiCd batteries in hand held mobile phones. CHARLIE is a cost effective high efficiency DC/DC switching mode constant current generator. At low current, the charger behaves like a constant voltage generator. The output voltage and current levels are set up by design in accordance with customer requirements.

FEATURES
■ IN CAR BATTERY CHARGER FOR MOBILE PHONES
■ UNIVERSAL TIP COMPATIBLE WITH ANY TYPE OF CIGAR CAR RECEPTACLES
■ LINE INPUT 10.8-16 VDC
■ SINGLE OUTPUT MAX 8W
■ EMC COMPLIANCE ACCORDING TO ETS300-342-1
■ COMPLIANT WITH UL2089 EMC REQUIREMENTS
■ CE AND "Eirl" MARKING. UL MARKING UPON REQUEST
■ OUTPUT CURRENT AND VOLTAGE LEVELS ACCORDING TO CUSTOMER REQUIREMENTS
■ OUTPUT VOLTAGE PRECISION: +/- 5%
■ OUTPUT CURRENT PRECISION : +/- 8%
■ OUTPUT RIPPLE VOLTAGE <100 mVpp
■ INPUT FUSE PROTECTION
■ OUTPUT SHORT CIRCUIT PROTECTION
■ RG11 OUTPUT CONNECTOR. 2 WIRES COILED DC CORD WITH STRAIN RELIEF, TERMINATED WITH ANY CUSTOM CONNECTOR UPON REQUEST.
■ OPTIONAL LED (GREEN OR RED) TO ACKNOWLEDGE DC POWER CONNECTION
■ EFFICIENCY TYPICALLY >75%
■ LOW STAND BY POWER
■ WEIGHT: 20 GRAMS WITHOUT OUTPUT DC CORD




Similar Part No. - CHARLIE

ManufacturerPart #DatasheetDescription
logo
Radiall. All rights res...
CHARGE RADIALL-CHARGE Datasheet
40Kb / 2P
COAXIAL TERMINATION SMA MALE 1W 4GHZ PACK 500
logo
AG Electronica
CHAROLA-K9 AGELECTRONICA-CHAROLA-K9 Datasheet
186Kb / 3P
BANDEJA DE RECOLECCIÓN PARA DISPENSADOR
Version 1.0
CHAROLA-K9-W AGELECTRONICA-CHAROLA-K9-W Datasheet
125Kb / 3P
BANDEJA DE RECOLECCIÓN BLANCA PARA DISPENSADOR
Version 1.0
More results


Similar Description - CHARLIE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FLC01-200D STMICROELECTRONICS-FLC01-200D Datasheet
57Kb / 7P
FIRE LIGHTER CIRCUIT
Oct-1999
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
FIRE LIGHTER CIRCUIT
Feb-1996
FLC10-200H STMICROELECTRONICS-FLC10-200H Datasheet
54Kb / 7P
FIRE LIGHTER CIRCUIT
Jun-2000
VINCENT STMICROELECTRONICS-VINCENT Datasheet
92Kb / 3P
CIGAR LIGHTER ADAPTER
Jan-2000
FLC01-200H STMICROELECTRONICS-FLC01-200H Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC01-200X STMICROELECTRONICS-FLC01-200X Datasheet
115Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
logo
List of Unclassifed Man...
PSR-4C ETC2-PSR-4C Datasheet
30Kb / 1P
4 Amp Regulated 12V DC Power Supply with Cigarette Lighter Adapter
logo
STMicroelectronics
FLC01 STMICROELECTRONICS-FLC01 Datasheet
318Kb / 11P
Fire lighter circuit
27-May-2014
logo
SHENZHEN FUMAN ELECTRON...
FM7011GB FUMAN-FM7011GB Datasheet
236Kb / 4P
Electronic cigarette lighter
FM7011H FUMAN-FM7011H Datasheet
106Kb / 4P
Electronic cigarette lighter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com