Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHARLIE Datasheet(PDF) 2 Page - STMicroelectronics

Part # CHARLIE
Description  CIGAR LIGHTER ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CHARLIE Datasheet(HTML) 2 Page - STMicroelectronics

  CHARLIE Datasheet HTML 1Page - STMicroelectronics CHARLIE Datasheet HTML 2Page - STMicroelectronics CHARLIE Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical reference values in this data sheet are
8V, 700 mA. Line input variation in the range
10.8-16 Vdc.
Coming into the ST original "Charlie" housing,
CHARLIE CLA has been designed to fit most
popular car cigar lighter receptacles thanks to its
very peculiar tip shape and architecture.
Upon request, for high volume market, a custom
tailored housing can be designed, sharing the
same peculiar Charlie tip.
Optionally, an LED (green or red) can be assem-
bled to acknowledge input DC power connection.
AGENCY Approvals
The charger is certified by competent agencies to
comply with European EMC requirements, includ-
ing but not limited to ETS300-342-1, UL2089 and
the automotive Eirl. CHARLIE is marked CE and
Eirl.
ELECTRICAL CHARACTERISTICS (Tamb=25
oC, unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vi
Input Voltage
10.8
16
Vdc
Vo
Output Voltage limit
No load
7.6
8.0
8.4
V
Io
Output Current limit
650
700
750
mA
Vor
Output Ripple
Vbatt=6V
100
mVpp
Top
Operating Ambient Temperaure
-10
+55
oC
Tstg
Storage Temperature Range
-20
+85
oC
n
efficiency
75%
Vo (V)
Io (mA)
8
700
TYPICAL OUTPUT CHARACTERISTIC
CHARLIE
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com