Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G04 Datasheet (PDF) - TECH PUBLIC Electronics co LTD

74LVC1G04 Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # 74LVC1G04
Download  74LVC1G04 Download
File Size   1972.3 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Single Inverter Gate

74LVC1G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G04 Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # 74LVC1G04
Download  74LVC1G04 Click to download

File Size   1972.3 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Single Inverter Gate

74LVC1G04 Datasheet (HTML) - TECH PUBLIC Electronics co LTD


74LVC1G04 Product details

Features
* Operation voltage range: 1.66~5.5V.
Low power current: cc=10pA(Max)
« 24mA output drive (Vec=3.3V) :
* High noise immunity
« Power down protection |
+ ESD Protection Exceeds JESD 22
= 2000-V Human-Body Model (A114-A)
~1000-V Charged-Device Model (C101)
+ SOT235 Package Available
+ SOT353 Package Available l




Similar Part No. - 74LVC1G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G04 PHILIPS-74LVC1G04 Datasheet
68Kb / 16P
Single inverter
2002 Oct 02
74LVC1G04 NXP-74LVC1G04 Datasheet
82Kb / 15P
Single inverter
Rev. 07-27 August 2007
74LVC1G04 NXP-74LVC1G04 Datasheet
92Kb / 15P
Single inverter
Rev. 08-27 April 2009
logo
Diodes Incorporated
74LVC1G04 DIODES-74LVC1G04 Datasheet
199Kb / 11P
SINGLE INVERTER GATE
DS32198 Rev. 1 - 2
74LVC1G04 DIODES-74LVC1G04 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
More results


Similar Description - 74LVC1G04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04_07 Datasheet
439Kb / 12P
SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
SINGLE INVERTER GATE
logo
Unisonic Technologies
U74AHC1G04 UTC-U74AHC1G04_15 Datasheet
198Kb / 5P
SINGLE INVERTER GATE
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
SINGLE INVERTER GATE
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
Single Inverter Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com