Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB340TMX-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

FUSB340TMX-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # FUSB340TMX-TP
Download  FUSB340TMX-TP Download
File Size   4208.6 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Two-Channel Differential 2:1/1:2 USB 3.1 Super Speed 10Gbps Mux/DeMux

FUSB340TMX-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
FUSB340TMX-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # FUSB340TMX-TP
Download  FUSB340TMX-TP Click to download

File Size   4208.6 Kbytes
Page   7 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description Two-Channel Differential 2:1/1:2 USB 3.1 Super Speed 10Gbps Mux/DeMux

FUSB340TMX-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


FUSB340TMX-TP Product details

Features

« Wide Supply Range 1.5V to 5.5V
Differential 2:1 or 1:2 Switch/Multiplexer
« USB 3.1 Super Speed 10Gbps Switch
High Bandwidth: 5.1GHz @-3dB Bandwidth
« Isolation: -24dB @ 1.25 GHz

Crosstalk: -34dB @ 1.25 GHz

» Low bit-to-bit skew, Bidirectional

o ESD Tolerance: 2kV HBM

» Powered Off Protection When VDD = 0 V
o 1.8-V Compatible Logic Inputs
Pin-to-Pin ASW3410, DIO3340, FUSB340




Similar Part No. - FUSB340TMX-TP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB340TMX ONSEMI-FUSB340TMX Datasheet
419Kb / 8P
USB 3.1 SuperSpeed 10 Gbps Switch
September 2017 Rev. 2
More results


Similar Description - FUSB340TMX-TP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3212 TI-HD3SS3212_15 Datasheet
1Mb / 25P
HD3SS3212x Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212_16 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212 TI1-HD3SS3212 Datasheet
1Mb / 26P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
One Channel Differential 2:1 Mux/Demux
HD3SS3202 TI1-HD3SS3202 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.1 Mux/Demux
HD3SS3212-Q1 TI1-HD3SS3212-Q1 Datasheet
1Mb / 25P
Two-Channel Differential 2:1/1:2 USB3.2 Mux/Demux
TMUXHS4212 TI1-TMUXHS4212 Datasheet
4Mb / 26P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
TMUXHS4212 TI1-TMUXHS4212_V01 Datasheet
5Mb / 30P
TMUXHS4212 Two-Channel Differential 2:1 Mux / 1:2 Demux
logo
Diodes Incorporated
PI3EQX10612 DIODES-PI3EQX10612 Datasheet
646Kb / 1P
10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com