Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2102 Datasheet (PDF) - Texas Instruments

CDCLVD2102 Datasheet PDF - Texas Instruments
Part # CDCLVD2102
Download  CDCLVD2102 Download
File Size   614.55 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1:2 Low Additive Jitter LVDS Buffer

CDCLVD2102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVD2102 Datasheet PDF - Texas Instruments

Part # CDCLVD2102
Download  CDCLVD2102 Click to download

File Size   614.55 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Dual 1:2 Low Additive Jitter LVDS Buffer

CDCLVD2102 Datasheet (HTML) - Texas Instruments


CDCLVD2102 Product details

1FEATURES
• Dual 1:2 Differential Buffer
• Low Additive Jitter <300 fs RMS in 10-kHz to
20-MHz
• Low Within Bank Output Skew of 15 ps (Max)
• Universal Inputs Accept LVDS, LVPECL,
LVCMOS
• One Input Dedicated for Two Outputs
• Total of 4 LVDS Outputs, ANSI EIA/TIA-644A
Standard Compatible
• Clock Frequency up to 800 MHz
• 2.375–2.625V Device Power Supply
• LVDS Reference Voltage, V AC_REF, Available for
Capacitive Coupled Inputs
• Industrial Temperature Range –40°C to 85°C
• Packaged in 3mm × 3mm 16-Pin QFN (RGT)
• ESD Protection Exceeds 3 kV HBM, 1 kV CDM

APPLICATIONS
• Telecommunications/Networking
• Medical Imaging
• Test and Measurement Equipment
• Wireless Communications
• General Purpose Clocking

DESCRIPTION
The CDCLVD2102 clock buffer distributes two clock
inputs (IN0, IN1) to a total of 4 pairs of differential
LVDS clock outputs (OUT0, OUT3). Each buffer block
consists of one input and 2 LVDS outputs. The inputs
can either be LVDS, LVPECL, or LVCMOS.
The CDCLVD2102 is specifically designed for driving
50-Ω transmission lines. If driving the inputs in single
ended mode, the appropriate bias voltage (VAC_REF)
should be applied to the unused negative input pin.
Using the control pin (EN), outputs can be either
disabled or enabled. If the EN pin is left open two
buffers with all outputs are enabled, if switched to a
logical "0" both buffers with all outputs are disabled
(static logical "0"), if switched to a logical "1", one
buffer with two outputs is disabled and another buffer
with two outputs is enabled. The part supports a fail
safe function. It incorporates an input hysteresis,
which prevents random oscillation of the outputs in
absence of an input signal.
The device operates in 2.5V supply environment and
is characterized from –40°C to 85°C (ambient
temperature). The CDCLVD2102 is packaged in
small 16-pin, 3-mm × 3-mm QFN package.




Similar Part No. - CDCLVD2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI2-CDCLVD2102 Datasheet
610Kb / 22P
Dual 1:2 Low Additive Jitter LVDS Buffer
REVISED JUNE 2010
CDCLVD2102RGTR TI1-CDCLVD2102RGTR Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2102RGTR TI2-CDCLVD2102RGTR Datasheet
610Kb / 22P
Dual 1:2 Low Additive Jitter LVDS Buffer
REVISED JUNE 2010
CDCLVD2102RGTR.A TI2-CDCLVD2102RGTR.A Datasheet
610Kb / 22P
Dual 1:2 Low Additive Jitter LVDS Buffer
REVISED JUNE 2010
More results


Similar Description - CDCLVD2102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
2:8 Low Additive Jitter LVDS Buffer
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
2:16 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
2:4 Low Additive Jitter LVDS Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com