Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVD2102 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCLVD2102
Description  Dual 1:2 Low Additive Jitter LVDS Buffer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2102 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVD2102 Datasheet HTML 1Page - Texas Instruments CDCLVD2102 Datasheet HTML 2Page - Texas Instruments CDCLVD2102 Datasheet HTML 3Page - Texas Instruments CDCLVD2102 Datasheet HTML 4Page - Texas Instruments CDCLVD2102 Datasheet HTML 5Page - Texas Instruments CDCLVD2102 Datasheet HTML 6Page - Texas Instruments CDCLVD2102 Datasheet HTML 7Page - Texas Instruments CDCLVD2102 Datasheet HTML 8Page - Texas Instruments CDCLVD2102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CDCLVD2102
SCAS904A – MAY 2010 – REVISED JUNE 2010
www.ti.com
THERMAL INFORMATION
CDCLVD2102
THERMAL METRIC(1)
RGT
UNITS
16 PINS
qJA
Junction-to-ambient thermal resistance
51.3
qJC(top)
Junction-to-case(top) thermal resistance
85.4
qJB
Junction-to-board thermal resistance
20.1
°C/W
yJT
Junction-to-top characterization parameter
1.3
yJB
Junction-to-board characterization parameter
19.4
qJC(bottom)
Junction-to-case(bottom) thermal resistance
6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS:
At VCC = 2.375 V to 2.625 V and TA = –40°C to 85°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
EN PIN INPUT CHARACTERISTICS
VdI3
3-State
Open
0.5×VCC
V
VdIH
Input high voltage
0.7×VCC
V
VdIL
Input low voltage
0.2×VCC
V
IdIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
30
mA
IdIL
Input low current
VCC = 2.625 V, VIL = 0 V
–30
mA
Rpull(EN)
Input pull-up/ pull-down resistor
200
k
Ω
2.5V LVCMOS (see Figure 7) INPUT CHARACTERISTICS
fIN
Input frequency
200
MHz
External threshold voltage applied
Vth
Input threshold voltage
1.1
1.5
V
to complementary input
VIH
Input high voltage
Vth + 0.1
VCC
V
VIL
Input low voltage
0
Vth – 0.1
V
IIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
10
mA
IIL
Input low current
VCC = 2.625 V, VIL = 0 V
–10
mA
ΔV/ΔT
Input edge rate
20% – 80%
1.5
V/ns
CIN
Input capacitance
2.5
pF
DIFFERENTIAL INPUT CHARACTERISTICS
fIN
Input frequency
Clock input
800
MHz
Differential input voltage
VIN, DIFF
VICM = 1.25 V
0.3
1.6
VP-P
peak-to-peak
VICM
Input common-mode voltage range
VIN, DIFF, PP > 0.4V
1
VCC – 0.3
V
IIH
Input high current
VCC = 2.625 V, VIH = 2.625 V
10
mA
IIL
Input low current
VCC = 2.625 V, VIL = 0 V
–10
mA
ΔV/ΔT
Input edge rate
20% to 80%
0.75
V/ns
CIN
Input capacitance
2.5
pF
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD2102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com