Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP1102 Datasheet (PDF) - Texas Instruments

CDCLVP1102 Datasheet PDF - Texas Instruments
Part # CDCLVP1102
Download  CDCLVP1102 Download
File Size   854.03 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer

CDCLVP1102 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVP1102 Datasheet PDF - Texas Instruments

Part # CDCLVP1102
Download  CDCLVP1102 Click to download

File Size   854.03 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer

CDCLVP1102 Datasheet (HTML) - Texas Instruments


CDCLVP1102 Product details

1 Features
1• 1:2 Differential Buffer
• Single Clock Input
• Universal Inputs Can Accept LVPECL, LVDS,
LVCMOS/LVTTL
• Two LVPECL Outputs
• Maximum Clock Frequency: 2 GHz
• Maximum Core Current Consumption: 33 mA
• Very Low Additive Jitter: <100 fs, RMS in 10-kHz
to 20-MHz Offset Range
• 2.375-V to 3.6-V Device Power Supply
• Maximum Propagation Delay: 450 ps
• Maximum Output Skew: 10 ps
• LVPECL Reference Voltage, VAC_REF, Available
for Capacitive-Coupled Inputs
• Industrial Temperature Range: –40°C to 85°C
• Supports 105°C PCB Temperature (Measured at
Thermal Pad)
• Available in 3-mm × 3-mm QFN-16 (RGT)
Package
• ESD Protection Exceeds 2 kV (HBM)

2 Applications
• Wireless Communications
• Telecommunications/Networking
• Medical Imaging
• Test and Measurement Equipment

3 Description
The CDCLVP1102 is a highly versatile, low additive
jitter buffer that can generate two copies of LVPECL clock outputs from one LVPECL, LVDS, or LVCMOS
input for a variety of communication applications. It
has a maximum clock frequency up to 2 GHz. The
overall additive jitter performance is less than 0.1 ps,
RMS from 10 kHz to 20 MHz, and overall output skew is as low as 10 ps, making the device a perfect
choice for use in demanding applications.
The CDCLVP1102 clock buffer distributes a single
clock input (IN) to two pairs of differential LVPECL
clock outputs (OUT0, OUT1) with minimum skew for
clock distribution. The inputs can be LVPECL, LVDS,
or LVCMOS/LVTTL.
The CDCLVP1102 is specifically designed for driving
50-Ω transmission lines. When driving the inputs in
single-ended mode, the LVPECL bias voltage
(VAC_REF) should be applied to the unused negative
input pin. However, for high-speed performance up to
2 GHz, differential mode is strongly recommended.
The CDCLVP1102 is characterized for operation from
–40°C to 85°C and is available in a QFN-16, 3-mm ×
3-mm package.




Similar Part No. - CDCLVP1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI2-CDCLVP1102 Datasheet
813Kb / 28P
CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
REVISED DECEMBER 2015
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI1-CDCLVP1102RGTR Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1102RGTR TI2-CDCLVP1102RGTR Datasheet
813Kb / 28P
CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
REVISED DECEMBER 2015
More results


Similar Description - CDCLVP1102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com