Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP1102 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCLVP1102
Description  CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP1102 Datasheet(HTML) 2 Page - Texas Instruments

  CDCLVP1102 Datasheet HTML 1Page - Texas Instruments CDCLVP1102 Datasheet HTML 2Page - Texas Instruments CDCLVP1102 Datasheet HTML 3Page - Texas Instruments CDCLVP1102 Datasheet HTML 4Page - Texas Instruments CDCLVP1102 Datasheet HTML 5Page - Texas Instruments CDCLVP1102 Datasheet HTML 6Page - Texas Instruments CDCLVP1102 Datasheet HTML 7Page - Texas Instruments CDCLVP1102 Datasheet HTML 8Page - Texas Instruments CDCLVP1102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
CDCLVP1102
SCAS884D – AUGUST 2009 – REVISED DECEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 12
1
Features .................................................................. 1
8.3
Feature Description................................................. 12
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 12
3
Description ............................................................. 1
9
Application and Implementation ........................ 17
4
Revision History..................................................... 2
9.1
Application Information............................................ 17
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 17
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 19
6.1
Absolute Maximum Ratings ...................................... 4
11
Layout................................................................... 20
6.2
ESD Ratings.............................................................. 4
11.1
Layout Guidelines ................................................. 20
6.3
Recommended Operating Conditions ....................... 4
11.2
Layout Example .................................................... 20
6.4
Thermal Information ................................................. 4
11.3
Thermal Considerations ....................................... 20
6.5
Electrical Characteristics: LVCMOS Input ................ 5
12
Device and Documentation Support ................. 21
6.6
Electrical Characteristics: Differential Input .............. 5
12.1
Documentation Support ........................................ 21
6.7
Electrical Characteristics: LVPECL Output ............... 6
12.2
Community Resources.......................................... 21
6.8
Electrical Characteristics: LVPECL Output ............... 7
12.3
Trademarks ........................................................... 21
6.9
Typical Characteristics .............................................. 8
12.4
Electrostatic Discharge Caution ............................ 21
7
Parameter Measurement Information .................. 9
12.5
Glossary ................................................................ 21
7.1
Test Configurations ................................................... 9
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 12
Information ........................................................... 21
8.1
Overview ................................................................. 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (January 2011) to Revision D
Page
•
Added support for 105°C thermal pad temperature .............................................................................................................. 1
•
Added Device Information and Pin Configuration and Functions sections, ESD Rating table, Feature Description,
Device Functional Modes, Application and Implementation, Power Supply Recommendations, Layout, Device and
Documentation Support, and Mechanical, Packaging, and Orderable Information sections ................................................. 1
•
Added VOH specification for TPCB ≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V ...... 6
•
Added VOL specification for TPCB ≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V ....... 6
•
Added IEE specification for TPCB ≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V ........ 6
•
Added ICC specification for TPCB ≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V ........ 6
•
Added VOH specification for TPCB ≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V ................. 7
•
Added VOL specification for TPCB ≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V .................. 7
•
Added IEE specification for TPCB ≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V ................... 7
•
Added ICC specification for TPCB ≤ 105ºC in Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V ................... 7
Changes from Revision B (May 2010) to Revision C
Page
•
Revised description of pin 8 ................................................................................................................................................... 3
•
Corrected VIL parameter description in Electrical Characteristics table for LVCMOS inputs ................................................. 5
•
Added footnote (2) to Electrical Characteristics table for LVPECL Output, VCC = 2.375 V to 2.625 V .................................. 6
•
Changed recommended resistor values in Figure 12(a) ...................................................................................................... 13
•
Changed resistor values in Figure 16................................................................................................................................... 15
•
Changed resistor values in Figure 17................................................................................................................................... 15
2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: CDCLVP1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com