Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP1102 Datasheet(PDF) 21 Page - Texas Instruments

Part # CDCLVP1102
Description  CDCLVP1102 Two-LVPECL Output, High-Performance Clock Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVP1102 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCLVP1102 Datasheet HTML 17Page - Texas Instruments CDCLVP1102 Datasheet HTML 18Page - Texas Instruments CDCLVP1102 Datasheet HTML 19Page - Texas Instruments CDCLVP1102 Datasheet HTML 20Page - Texas Instruments CDCLVP1102 Datasheet HTML 21Page - Texas Instruments CDCLVP1102 Datasheet HTML 22Page - Texas Instruments CDCLVP1102 Datasheet HTML 23Page - Texas Instruments CDCLVP1102 Datasheet HTML 24Page - Texas Instruments CDCLVP1102 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
1,6mm(min)
0,5mm(typ)
0,33mm(typ)
CDCLVP1102
www.ti.com
SCAS884D – AUGUST 2009 – REVISED DECEMBER 2015
11 Layout
11.1 Layout Guidelines
Power consumption of the CDCLVP1102 can be high enough to require attention to thermal management. For
reliability and performance reasons, the die temperature should be limited to a maximum of 125°C. That is, as an
estimate, ambient temperature (TA) plus device power consumption times RθJA should not exceed 125°C.
The device package has an exposed pad that provides the primary heat removal path to the printed circuit board
(PCB). To maximize the heat dissipation from the package, a thermal landing pattern including multiple vias to a
ground plane must be incorporated into the PCB within the footprint of the package. The exposed pad must be
soldered down to ensure adequate heat conduction out of the package. Figure 24 shows a recommended land
and via pattern.
11.2 Layout Example
Figure 24. Recommended PCB Layout
11.3 Thermal Considerations
The CDCLVP1102 supports high temperatures on the printed circuit board (PCB) measured at the thermal pad.
The system designer needs to ensure that the maximum junction temperature is not exceeded.
Ψjb can allow the
system designer to measure the board temperature with a fine gauge thermocouple and back calculate the
junction temperature using Equation 1. Note that
Ψjb is close to RθJB as 75 to 95% of a device's heat is
dissipated by the PCB. Further information can be found at SPRA953 and SLUA566.
Tjunction = TPCB + ( Ψjb × Power)
(1)
Example:
Calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal vias:
TPCB = 105 °C
Ψjb = 21.7 °C/W
PowerinclTerm = Imax × Vmax = 105 mA × 3.6 V = 378 mW (max power consumption including termination
resistors)
PowerexclTerm = 302.5 mW (max power consumption excluding termination resistors, see SLYT127 for
further details)
ΔTJunction = Ψjb × PowerexclTerm = 21.7 °C/W × 302.5 mW = 6.56 °C
TJunction = ΔTJunction + TChassis = 6.56 °C + 105 °C = 111.56 °C (the maximum junction temperature of
125 °C is not violated)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: CDCLVP1102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com