Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCLVP215 Datasheet (PDF) - Texas Instruments

CDCLVP215 Datasheet PDF - Texas Instruments
Part # CDCLVP215
Download  CDCLVP215 Download
File Size   221.58 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER

CDCLVP215 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDCLVP215 Datasheet PDF - Texas Instruments

Part # CDCLVP215
Download  CDCLVP215 Click to download

File Size   221.58 Kbytes
Page   12 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER

CDCLVP215 Datasheet (HTML) - Texas Instruments


CDCLVP215 Product details

1FEATURES
2• 2× One Differential Clock Input Pair LVPECL to
5 Differential LVPECL Clock Outputs
• Fully Compatible With LVPECL/LVECL
• Supports a Wide Supply Voltage Range From
2.375 V to 3.8 V
• Open Input Default State
• Low-Output Skew (Typ 15 ps) for
Clock-Distribution Applications
• VBB Reference Voltage Output for
Single-Ended Clocking
• Available in the QFN32 Package
• Frequency Range From DC to 3.5 GHz
• Pin-to-Pin Compatible With the MC100 Series
EP111, LVEP210, ES6111, LVEP111

APPLICATIONS
• Designed for Driving 50-Ω Transmission Lines
• High Performance Clock Distribution

DESCRIPTION
The CDCLVP215 clock driver distributes two times one differential clock pair of LVPECL, (CLKA, CLKB) to 5
pairs of differential LVPECL clock (QA0..QA4, QB0..QB4) outputs with minimum skew for clock distribution. The
CDCLVP215 specifies low output-to-output skew. The CDCLVP215 is specifically designed for driving 50-Ω
transmission lines. When an output pair is not used, leaving it open is recommended to reduce power
consumption. If only one of the output pairs is used, the other output pair must be identically terminated to 50 Ω.
The VBB reference voltage output is used if single-ended input operation is required. In this case, the VBB pin
should be connected to CLKA or CLKB and bypassed to GND via a 10-nF capacitor.
However, for high-speed performance up to 3.5 GHz, the differential mode is strongly recommended.
The CDCLVP215 is characterized for operation from –40°C to 85°C.




Similar Part No. - CDCLVP215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
CDCLVP215 TI2-CDCLVP215 Datasheet
217Kb / 11P
LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
REVISED NOVEMBER 2009
CDCLVP215RHBR TI-CDCLVP215RHBR Datasheet
312Kb / 10P
LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
CDCLVP215RHBR TI2-CDCLVP215RHBR Datasheet
217Kb / 11P
LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
REVISED NOVEMBER 2009
CDCLVP215RHBR.B TI2-CDCLVP215RHBR.B Datasheet
217Kb / 11P
LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
REVISED NOVEMBER 2009
More results


Similar Description - CDCLVP215

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111 Datasheet
131Kb / 8P
Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
MC100LVEP14 ONSEMI-MC100LVEP14 Datasheet
112Kb / 8P
Low-Voltage 1:5 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
May, 2000 ??Rev. 1
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
logo
Maxim Integrated Produc...
MAX9316 MAXIM-MAX9316 Datasheet
214Kb / 12P
1:5 Differential LVPECL/LVECL/HSTL Clock and Data Driver
19-2237; Rev 0; 10/01
MAX9316A MAXIM-MAX9316A Datasheet
183Kb / 11P
1:5 Differential LVPECL/LVECL/ HSTL Clock and Data Driver
19-2648; Rev 0; 10/02
logo
Texas Instruments
CDCVF111 TI-CDCVF111 Datasheet
121Kb / 1P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
Texas Instruments
CDCLVP215 TI-CDCLVP215 Datasheet
312Kb / 10P
LOW-VOLTAGE DUAL DIFFERENTIAL 1:5 LVPECL CLOCK DRIVER
logo
Micrel Semiconductor
SY100EP210U MICREL-SY100EP210U Datasheet
132Kb / 9P
2.5V/3.3V DUAL 1:5 DIFFERENTIAL LVECL/LVPECL/HSTL CLOCK DRIVER
logo
Texas Instruments
CDCVF111 TI1-CDCVF111_13 Datasheet
679Kb / 11P
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com