Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet (PDF) - STMicroelectronics

L9908 Datasheet PDF - STMicroelectronics
Part # L9908
Download  L9908 Download
File Size   16756.67 Kbytes
Page   152 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 3-Phase motor gate driver unit

L9908 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9908 Datasheet PDF - STMicroelectronics

Part # L9908
Download  L9908 Click to download

File Size   16756.67 Kbytes
Page   152 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 3-Phase motor gate driver unit

L9908 Datasheet (HTML) - STMicroelectronics


L9908 Product details

Features
• AEC-Q100 qualified
• Full ISO26262 compliant, ASIL-D systems ready
• VDH motor supply voltage range from 4.5 V to 75 V for working in single
(12 V systems), double (24 V systems) and 48 V battery applications
• 3.3 V internal supply voltage generated from 5 V on VDD pin
• Digital I/O compatible to 3.3 V/5 V logics
• 6 separate N-channel FET pre-drivers:
– dedicated source connection to each FET
– the device can withstand -14 V to 95 V on motor connection pins
– 0% to 100% duty cycle operation support
– dedicated PWM input pin for each gate driver
• 3 differential high accuracy current monitors for ground referred current
measurements:
– ADC/DAC architecture
– SPI adjustable Gain Factor and Output Offset
– built-in error calibration
– the device can withstand -14 V to 6 V on input sensing pins
– SPI readable current measurement
– 0 to 4.6 V DAC output dynamic range
• 3 real time phase voltage monitor channels:
– SPI programmable phase voltage feedback;
– SPI readable phase duty cycle measurement;
• 32-bit - 10 MHz SPI interface with 5-bit CRC and 1bit frame counter for internal
setting, self-test and full diagnostics
• Protection and diagnostic:
– SPI programmable VDS diagnostic and protection in on-state
– SPI programmable Dead Time protection
– SPI programmable Shoot-through diagnostic and protection
– Open load, short to GND and short to battery diagnostic in off-state
– Over-temperature diagnostic and protection with SPI programmable
warning flag
– SPI readable Tj measurement
– Ground loss diagnostic
– System clock monitoring
– Power supply pins VDD, VDH, VBP over-voltage and under-voltage
diagnostic
– FET driver supply VPRE and VCP under-voltage and over-voltage
diagnostic
– SPI Window Watchdog
– Fault status flag output




Similar Part No. - L9908

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9908 STMICROELECTRONICS-L9908 Datasheet
11Mb / 153P
Automotive 3-Phase motor gate driver unit
28-Mar-2022
L9908-TR STMICROELECTRONICS-L9908-TR Datasheet
11Mb / 153P
Automotive 3-Phase motor gate driver unit
28-Mar-2022
More results


Similar Description - L9908

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6438S ROHM-BA6438S Datasheet
121Kb / 8P
3-phase motor driver
BA6444FP ROHM-BA6444FP Datasheet
179Kb / 11P
3-phase motor driver
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
3-phase motor driver
BA6463FP-Y ROHM-BA6463FP-Y Datasheet
104Kb / 7P
3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
3-phase motor driver
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
3-Phase Motor Driver????
logo
Rohm
BA6860FS ROHM-BA6860FS Datasheet
611Kb / 11P
3-phase motor driver
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
3-Phase Brushless Motor Pre-driver for Automotive
logo
STMicroelectronics
L9908 STMICROELECTRONICS-L9908 Datasheet
11Mb / 153P
Automotive 3-Phase motor gate driver unit
28-Mar-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com