Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 1 Page - STMicroelectronics

  L9908 Datasheet HTML 1Page - STMicroelectronics L9908 Datasheet HTML 2Page - STMicroelectronics L9908 Datasheet HTML 3Page - STMicroelectronics L9908 Datasheet HTML 4Page - STMicroelectronics L9908 Datasheet HTML 5Page - STMicroelectronics L9908 Datasheet HTML 6Page - STMicroelectronics L9908 Datasheet HTML 7Page - STMicroelectronics L9908 Datasheet HTML 8Page - STMicroelectronics L9908 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
Features
•
AEC-Q100 qualified
•
Full ISO26262 compliant, ASIL-D systems ready
•
VDH motor supply voltage range from 4.5 V to 75 V for working in single
(12 V systems), double (24 V systems) and 48 V battery applications
•
3.3 V internal supply voltage generated from 5 V on VDD pin
•
Digital I/O compatible to 3.3 V/5 V logics
•
6 separate N-channel FET pre-drivers:
–
dedicated source connection to each FET
–
the device can withstand -14 V to 95 V on motor connection pins
–
0% to 100% duty cycle operation support
–
dedicated PWM input pin for each gate driver
•
3 differential high accuracy current monitors for ground referred current
measurements:
–
ADC/DAC architecture
–
SPI adjustable Gain Factor and Output Offset
–
built-in error calibration
–
the device can withstand -14 V to 6 V on input sensing pins
–
SPI readable current measurement
–
0 to 4.6 V DAC output dynamic range
•
3 real time phase voltage monitor channels:
–
SPI programmable phase voltage feedback;
–
SPI readable phase duty cycle measurement;
•
32-bit - 10 MHz SPI interface with 5-bit CRC and 1bit frame counter for internal
setting, self-test and full diagnostics
•
Protection and diagnostic:
–
SPI programmable VDS diagnostic and protection in on-state
–
SPI programmable Dead Time protection
–
SPI programmable Shoot-through diagnostic and protection
–
Open load, short to GND and short to battery diagnostic in off-state
–
Over-temperature diagnostic and protection with SPI programmable
warning flag
–
SPI readable Tj measurement
–
Ground loss diagnostic
–
System clock monitoring
–
Power supply pins VDD, VDH, VBP over-voltage and under-voltage
diagnostic
–
FET driver supply VPRE and VCP under-voltage and over-voltage
diagnostic
–
SPI Window Watchdog
–
Fault status flag output
TQFP48 (exposed pad down)
Product status link
L9908
Product summary
Order code
Package
Packing
L9908TR
TQFP48
(exp. pad
down)
Tape and
reel
Automotive 3-Phase motor gate driver unit
L9908
Datasheet
DS13546 - Rev 5 - September 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - L9908

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9908 STMICROELECTRONICS-L9908 Datasheet
11Mb / 153P
Automotive 3-Phase motor gate driver unit
28-Mar-2022
L9908-TR STMICROELECTRONICS-L9908-TR Datasheet
11Mb / 153P
Automotive 3-Phase motor gate driver unit
28-Mar-2022
More results

Similar Description - L9908

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6438S ROHM-BA6438S Datasheet
121Kb / 8P
3-phase motor driver
BA6444FP ROHM-BA6444FP Datasheet
179Kb / 11P
3-phase motor driver
BA6458FP-Y ROHM-BA6458FP-Y Datasheet
135Kb / 8P
3-phase motor driver
BA6463FP-Y ROHM-BA6463FP-Y Datasheet
104Kb / 7P
3-phase motor driver
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
3-phase motor driver
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
3-Phase Motor Driver????
logo
Rohm
BA6860FS ROHM-BA6860FS Datasheet
611Kb / 11P
3-phase motor driver
BD63030EKV-C ROHM-BD63030EKV-C Datasheet
4Mb / 47P
3-Phase Brushless Motor Pre-driver for Automotive
logo
STMicroelectronics
L9908 STMICROELECTRONICS-L9908 Datasheet
11Mb / 153P
Automotive 3-Phase motor gate driver unit
28-Mar-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com