Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 74 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 70Page - STMicroelectronics L9908 Datasheet HTML 71Page - STMicroelectronics L9908 Datasheet HTML 72Page - STMicroelectronics L9908 Datasheet HTML 73Page - STMicroelectronics L9908 Datasheet HTML 74Page - STMicroelectronics L9908 Datasheet HTML 75Page - STMicroelectronics L9908 Datasheet HTML 76Page - STMicroelectronics L9908 Datasheet HTML 77Page - STMicroelectronics L9908 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 152 page
background image
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Notes
CSMn_IN_RANGE_CFG = 101
-6
6
Current Monitor Input Dynamic Characteristics
CM_in_gain_toggling
CM CSA
transition
time gain
toggling
-
-
26
-
Tclk
Application
Information
CM_in_overload_recovery
Overload
Recovery
Time
-
-
36
-
Tclk
Application
Information
CM_in_sr
CM ADC
sample rate
-
-
20
-
MHz
Application
information
CM_in_rise_fall_sr
CM Input
Differential
Rise/Fall
Time
trise, tfall
16
-
-
Tclk
Application
Information
CM_in_pulse_sr
CM Input
Differential
Slew Rate
(V2 - V1)/tpulse
-
-
1LSB/
Tclk
mV/
μs
Application
Information
CM_in_pulse_time
CM Input
Differential
pulse length
tpulse
TSYNC
+ 10Tclk
-
-
μs
Application
Information
1. Offset free differential input range.
2. VIN may exceed CM_in_range_diff up to the absolute maximum ratings. However, it will saturate the A/D dynamic range.
3. Ex. 1
•
CSMn_IN_RANGE_CFG:011 → CM_in_range_diff = ±90 mV
•
FSR = 180 mV
•
|ISn+ - ISn-| = 20 mV → ±20 mV*2% = ±0.4 mV
Ex.2
•
CSMn_IN_RANGE_CFG:100 → CM_in_range_diff = ±160 mV
•
FSR = 320 mV
•
|ISn+ - ISn-| = 150 mV → ±150 mV*2% = ±3 mV
4. ADC conversion total error can be retrieved for each differential input range as follows:
•
CM_in_total_error = CM_in_gain_err + CM_in_offset_err
•
Ex1
–
CM_in_range_diff = ±90 mV
–
|ISn+ - ISn-| = 70 mV
Total ADC conversion error = ±2 mV ± (2%*70 mV) = ±2 mV ±1.4 mV. The value read by SPI will range between
70 mV-(2 mV + 1.4 mV) and 70 mV + (2 mV + 1.4 mV), which is 70 mV ± 34LSB. i.e. CSn_READ = 0x2B7 ± 0x22
Figure 47. Current Monitor input dynamic timings
L9908
Functional description
DS13546 - Rev 5
page 74/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com