Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 26Page - STMicroelectronics L9908 Datasheet HTML 27Page - STMicroelectronics L9908 Datasheet HTML 28Page - STMicroelectronics L9908 Datasheet HTML 29Page - STMicroelectronics L9908 Datasheet HTML 30Page - STMicroelectronics L9908 Datasheet HTML 31Page - STMicroelectronics L9908 Datasheet HTML 32Page - STMicroelectronics L9908 Datasheet HTML 33Page - STMicroelectronics L9908 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
Table 19. CFG timeout
Symbol
Parameter
Min
Typ
Max
Unit
Notes
T_cgf_time_out
CFG mode Time-out
-
100
-
ms
Not subject to production test
5.5
Self-test mode
A built-in self-test (BIST) procedure is implemented to check safety relevant circuitries both in digital core and in
the analog monitor circuits on L9908.
The target of core logic self-test is to check the correct functionality of the Internal Clock Monitor.
The target of the analog monitor is to check the correct functionality of the comparators involved in the safety
relevant monitors and of the Safety Switch Off path.
To allow a certain amount of freedom the block on which the self-test procedure runs can be configured by setting
a dedicated SPI frame.
Note:
•
During Self-Test of the SW OFF path SAFE-OFF state is activated
•
In case of BIST_STATUS = 11 (BIST check failure), the device is sent in SAFE_OFF Mode; re-engage
procedure can be performed only by issuing a SW_RESET command
Table 20. Self-test selection bits
SELF_TEST_CFG4 SELF_TEST_CFG3 SELF_TEST_CFG2 SELF_TEST_CFG1
SELF_TEST
_CFG0
Description
OND LS
OND HS
Supply Monitors
SW OFF Path
Clock Monitor
0
0
0
0
0
Self-Test Not
Active
1
1
1
1
1
Self-Test Active
(Defaults)
Note:
Supply Monitors include: Internal Supply, VDD, VPRE, VCP, VBP, VDH and GLM.
Self-Test procedure is developed in different steps in the following order:
•
Clock Monitor
•
Supply Monitor & OND_LS & OND_HS
•
SW OFF Path
5.5.1
Self-test activation
When Self-Test procedure is active, safety related analog and digital parts are under test, thus are not functional;
this implies that Self-Test procedure can be activated only when no actuation is applied to half bridges:
HBn_DIS = 1 [n = 1, 2, 3] or EN_BR = 0.
Accidental Self-Test procedure activation must be avoided therefore a finite state machine is implemented. The
Self-Test activation state machine is composed by 2 sequential states, the passage from a state to the next one is
carried out by a correct Self-Test activation SPI frame sequence to be written in the SPI register BIST_KEY
(SELF-TEST1 key: 0x55 → SELF-TEST 2 key: 0x33).
Table 21. Self-test mode activation register
BIST_KEY <7:0>
Description
0x55à0x33
SELF TEST Mode Access
L9908
Functional description
DS13546 - Rev 5
page 30/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com