Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 50Page - STMicroelectronics L9908 Datasheet HTML 51Page - STMicroelectronics L9908 Datasheet HTML 52Page - STMicroelectronics L9908 Datasheet HTML 53Page - STMicroelectronics L9908 Datasheet HTML 54Page - STMicroelectronics L9908 Datasheet HTML 55Page - STMicroelectronics L9908 Datasheet HTML 56Page - STMicroelectronics L9908 Datasheet HTML 57Page - STMicroelectronics L9908 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 152 page
background image
Figure 29. VPRE operative ranges
5.11.4
Supply distribution stage
The supply distribution stage has the purpose to properly deliver the preregulated supply to LS and HS driver.
•
LS drivers are directly supplied by the VPRE voltage itself as it is referenced to GND and already
conditioned to fit the Ext. FET Vgs range for a correct driving. The supply distribution stage is then absent
for LS drivers.
•
HS drivers cannot use directly VPRE voltage as they need this voltage to be translated above VDH for a
correct Ext. FET driving. The supply distribution stage for each HS driver is then composed by the
cooperation of bootstrap circuits and a dedicated single Stage 2-Phases Dickson charge pump with
external capacitance.
Charge pump 2 (CP2) and bootstrap limiter 2 (BT2)
The purpose of CP2 is to guarantee a stable Vgs on HS FET during 100% (full-on) operations and to support the
bootstrap supply in “high” duty cycle PWM mode by recovering the static consumption of the three HS pre-drivers
in ON condition.
To carry out this function the CP2 structure generates a VDH+VPRE voltage onto the internal line VCP by means
of a current-limited single Stage 2-Phases Dickson charge pump with external capacitance (the tank capacitance
function of this stage is developed by the bootstrap capacitance itself).
When VDH < VDH_cp2_bst_mode_th the CP2 uses VPRE as input in both phases, resulting in an output voltage
equal to 2*VPRE.
Charge pump2 can be disabled by a dedicated SPI bit CP2_DIS within the register SAFETY_RELEVANT3 as
follows:
Table 50. Charge pump 2 enable bit
CP2_DIS
Description
0
Charge pump 2 enabled (Default)
1
Charge pump 2 disabled
Table 51. Charge pump 2 electrical characteristics
Symbol
Parameter
Test condition
Min Typ Max Unit
Notes
CP2_iout1
Total charge pump2 load
current
5.5 V ≤ VBP ≤ CP1_lin_mode_th
CFLY2 = 1 μF
SHS_n = VDH
INHn = 1
-
-
10
mA [n = 1,2,3]
L9908
Functional description
DS13546 - Rev 5
page 54/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com