Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9908 Datasheet(PDF) 88 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 84Page - STMicroelectronics L9908 Datasheet HTML 85Page - STMicroelectronics L9908 Datasheet HTML 86Page - STMicroelectronics L9908 Datasheet HTML 87Page - STMicroelectronics L9908 Datasheet HTML 88Page - STMicroelectronics L9908 Datasheet HTML 89Page - STMicroelectronics L9908 Datasheet HTML 90Page - STMicroelectronics L9908 Datasheet HTML 91Page - STMicroelectronics L9908 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 152 page
background image
5.13.3.1
Analog format current information
Current Measurement reconstruction formula at CSO_n pin is the following:
ILOADRsℎunt= VCSO_n
ΔCM_out_LSB−OFSΔCM_in_LSB
(19)
Where: VCSO_n is the voltage at pin CSO_n, OFS is the selected shift value, RSHUNT is the shunt resistance
value, ∆CM_in_LSB is the input ADC quantization step, defined in Table 75, and ∆CM_out_LSB is D/A quantization
step, available in Table 79 (parameter name: T CM_out_dac_lsb).
Example:
•
VCSO_n = 1 V
•
CSMn_OFS = 1024LSB
•
CSM_OUT_RANGE_CFG = 0
•
CSM_OUT_RANGE_CFG = 0
•
CS_INRANGE_CFG = 011 (CM input ADC range +/-90 mV)
•
ILOAD*RSHUNT = (1/1.611 mV - 1024)*100.7 μV = -40.609 mV
Latency associated to analog format current information update in auto-triggering mode can be retrieved in the
following table.
Table 80. Current monitors A/D - D/A auto-triggering latency
Symbol
Parameter
Min
Typ
Max
Unit
Notes
CM_latency
CM latency
33
41
49
57
-
45
53
61
69
Tclk
Application information(1)
1. CSMn_SYNC_COUNT_CFG1 (16/24/32/40 Tclk) + SAR (10 Tclk) + DSP (7 to 19 Tclk)
Note:
Please note that values indicated in Table 80 refers to ADC & DSP section only. CSO buffer settling time should
be added to retrieve the full chain settling time at CSOn.
5.13.4
Current monitor A/D - D/A chain
When Current Measurement is evaluated at CSOn pins, the full A/D-D/A chain is exploited and the structure can
be assimilated to a voltage amplifying stage, which can be represented as in the following picture, and the
corresponding Input/Output transfer function:
Figure 64. A/D-D/A chain accuracy block diagram
VCSO=VING±VCM_in_total_errorG+VOFS±VCM_out_total_error
(20)
CSM chain gain values are summarized in the following table.
L9908
Functional description
DS13546 - Rev 5
page 88/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com